Electronic Components Datasheet Search
  English  ▼

X  

PZTA42 Datasheet(PDF) 4 Page - ON Semiconductor

Part # PZTA42
Description  NPN High-Voltage Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZTA42 Datasheet(HTML) 4 Page - ON Semiconductor

  PZTA42 Datasheet HTML 1Page - ON Semiconductor PZTA42 Datasheet HTML 2Page - ON Semiconductor PZTA42 Datasheet HTML 3Page - ON Semiconductor PZTA42 Datasheet HTML 4Page - ON Semiconductor PZTA42 Datasheet HTML 5Page - ON Semiconductor PZTA42 Datasheet HTML 6Page - ON Semiconductor PZTA42 Datasheet HTML 7Page - ON Semiconductor PZTA42 Datasheet HTML 8Page - ON Semiconductor PZTA42 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MPSA42 / MMBTA42 / PZTA42 Rev. 1.1.0
3
Typical Performance Characteristics
Figure 1. DC Current Gain vs. Collector Current
Figure 2. Collector-Emitter Saturation Voltage vs.
Collector Current
Figure 3. Base-Emitter Saturation Voltage vs.
Collector Current
Figure 4. Base-Emitter On Voltage vs.
Collector Current
Figure 5. Collector Cut-Off Current vs.
Ambient Temperature
Figure 6. Collector-Base and Emitter-Base
Capacitance vs. Reverse-Bias Voltage
1
10
100
1000
0
20
40
60
80
100
120
140
125
oC
100
oC
75
oC
-40
oC
25
oC
V
CE
=10V
I
C
- COLLECTOR CURRENT [mA]
1
10
100
1000
0.01
0.1
1
10
100
T
A
= 125
oC
100
oC
75
oC
-40
oC
25
oC
I
C
- COLLECTOR CURRENT [mA]
110
100
0.2
0.4
0.6
0.8
1.0
125
oC
100
oC
75
oC
-40
oC
25
oC
I
C
- COLLECTOR CURRENT [mA]
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
T
A
= 125
oC
T
A
= 100
oC
T
A
= 75
oC
T
A
= -40
oC
T
A
= 25
oC
I
C
- COLLECTOR CURRENT [mA]
25
50
75
100
125
150
1
10
100
T - AMBIENT TEMPERATURE ( C)
A
V
= 150V
CB
°
0
2
4
6
8
10
121416
1820
1
10
100
C
OB
C
IB
REVERSE BIAS VOLTAGE [V]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com