Electronic Components Datasheet Search
  English  ▼

X  

35355142 Datasheet(PDF) 1 Page - Aptiv

Part # 35355142
Description  NanoPack™ CTS SEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

35355142 Datasheet(HTML) 1 Page - Aptiv

  35355142 Datasheet HTML 1Page - Aptiv 35355142 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2023 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling a more sustainable future of
mobility.
Visit
aptiv.com
NanoPack™
CTS
SEALED SERIES
AVAILABLE CONFIGURATIONS
Cavity Count (ways)
8, 12*
Cavity Configurations (mm) 0.5
Cable range (mm²)
0.13 - 0.35
Genders
Female
TPA Type
Pre-assembled ASL**
CPA
Optional
Sealing Type
Multi wire mat seal
Centerline Spacing (mm)
1.8
Specification
VW75174-LV214; IEC68;
DIN: IEC60512; EN60068
Mating force
75 N
Contact pull out force
≥ 25 N primary
≥ 35 N secondary
Contact insertion force
~ 2 N
Automated terminal insertion
Capable & compatible
Mid and short range radars, Cameras, Tire pressure
sensors exposed to humidity and liquid splashes
APPLICATIONS
See back page for representative part
numbers and packaging dimensions.
* Peak temperature: 130°C
* with back
shell cover
* Other cavities available, please consult us
** ASL – Active Secondary lock
+105°C*
-40°C
BENEFITS
• Connector Position Assurance (CPA) is optional
for 8W version. Optimized space saving version
without CPA, bottom or top locking latch possible
• Housings & terminals are designed as per
VDA guidelines
FEATURES
• Designed for high temperatures and vibration
profiles
• Aptiv is responsible for the sealed 0.5 footprint
at VDA
• Ergonomic handling and touching surface as per
manual mating guideline (USCAR)
NanoPack™ CTS 8W Female
IP67
IPx9K*
TECHNICAL CHARACTERISTICS
TEMP
RANGE
VIBRATION
CLASS
SEALING
CLASS
Class 2
VDA


Similar Part No. - 35355142

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3535 ASM-SENSOR-3535 Datasheet
1Mb / 8P
LCR HiTESTER
logo
Pomona Electronics
3535 POMONA-3535 Datasheet
19Kb / 1P
Adapter BNC (Male) To ?쏯??(Female)
logo
3M Electronics
3535 3M-3535 Datasheet
24Kb / 6P
3M Scotch-WeldTM Urethane Adhesives
Jan-2010
logo
Applied Motion Products...
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
73Kb / 4P
Si-100 Motor Control
More results

Similar Description - 35355142

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212 CTS-212 Datasheet
346Kb / 2P
CTS 212 Rotary Switch
212 CTS-212_07 Datasheet
1Mb / 3P
CTS 212 Rotary Switches
227 CTS-227 Datasheet
490Kb / 3P
CTS 227 Rotary Switches
logo
FCI connector
DEM09S FCI-CONNECTOR-DEM09S Datasheet
97Kb / 1P
SOCKET CONNECTORS D SUMBINIATURE WITH SOLDER CTS
logo
CTS Corporation
450G CTS-450G Datasheet
193Kb / 2P
CTS Guitar Series 24mm Potentiometer
logo
Schneider Electric
WISERCTPV SCHNEIDER-WISERCTPV Datasheet
98Kb / 1P
WISER ENERGY SOLAR CTS
logo
PHOENIX CONTACT
1295670 PHOENIX-1295670 Datasheet
255Kb / 4P
Repair kit - EV-T2CCS-M4X20-BIT-CTS
logo
Littelfuse
CT200 LITTELFUSE-CT200 Datasheet
731Kb / 3P
Current Transformers (CTs)
Rev: 4-B-061214
logo
PHOENIX CONTACT
1281251 PHOENIX-1281251 Datasheet
227Kb / 5P
Repair kit - EV-T1CCS-MF-M4X10-CTS
Nov 16, 2022
1295744 PHOENIX-1295744 Datasheet
223Kb / 4P
Repair kit - EV-T1CCS-M4X20-CTS
Nov 16, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com