Electronic Components Datasheet Search
  English  ▼

X  

35147458 Datasheet(PDF) 1 Page - Aptiv

Part # 35147458
Description  CTS 1.2 SensoMate™ SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

35147458 Datasheet(HTML) 1 Page - Aptiv

  35147458 Datasheet HTML 1Page - Aptiv 35147458 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2024 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling a more sustainable future of
mobility.
Visit
aptiv.com
CTS 1.2 SensoMate™ SERIES
BENEFITS
• VDA/USCAR 1.2 mm at 4 mm pitch interface
compatible (universal)
• Industry standard 1.2 terminal cavity capability
• Short shroud design for small packaging
footprint and long shroud design for easy
mating device
AVAILABLE CONFIGURATIONS
APPLICATIONS
Cavity Count (ways)
2, 3, 4, 5, 6
Cavity Configurations (mm) 1.2
Genders
Female, Male (2-4W only)
Sealing Type
Cable Sealed
Centerline Spacing (mm)
4.0
Indexes
Varies, See Part List
TPA Type
Independent Secondary
Lock (ISL)
CPA
Yes
Validation
GMW 3191;
RNDS-B-00029 V.2 for
short shroud;
Others please consult us
See back page for representative part numbers and packaging dimensions.
TEMPERATURE
VIBRATION
42G
SEALING
CLASS
+150°C
-40°C
Chassis, Engine compartment, On-Engine-Mount,
Severe Gearbox Applications, Sensors/Actuators
IPX9K
IP68
500 mBars
sine on short
shroud versions
10 V
up to 48V
up to 175
°C
VDA INTERFACE
USCAR INTERFACE
FEATURES
• One piece molded housing to ensure best in
class sealing performance (short shroud version)
• Increased sealing performance through a unique
3 rib robust seal design (175°C version)
• Patented Smart Locking System version
of the CPA to improve assembly cycle time
(short shroud version)
• Compatible with wire dress back shells
(short shroud version)
CTS 1.2 3W F short shroud
CPA Type 2
CTS 1.2 3W F short shroud
CPA Type 1
Male 3W
CTS 1.2 3W F long shroud


Similar Part No. - 35147458

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
35147 SCHOTT-35147 Datasheet
17Kb / 1P
TRANSFORMER, HDSL2
logo
Festo Corporation.
3514710 FESTO-3514710 Datasheet
99Kb / 2P
Hand lever valve
More results

Similar Description - 35147458

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212 CTS-212 Datasheet
346Kb / 2P
CTS 212 Rotary Switch
212 CTS-212_07 Datasheet
1Mb / 3P
CTS 212 Rotary Switches
227 CTS-227 Datasheet
490Kb / 3P
CTS 227 Rotary Switches
logo
FCI connector
DEM09S FCI-CONNECTOR-DEM09S Datasheet
97Kb / 1P
SOCKET CONNECTORS D SUMBINIATURE WITH SOLDER CTS
logo
CTS Corporation
450G CTS-450G Datasheet
193Kb / 2P
CTS Guitar Series 24mm Potentiometer
logo
Schneider Electric
WISERCTPV SCHNEIDER-WISERCTPV Datasheet
98Kb / 1P
WISER ENERGY SOLAR CTS
logo
Littelfuse
CT200 LITTELFUSE-CT200 Datasheet
731Kb / 3P
Current Transformers (CTs)
Rev: 4-B-061214
logo
Diodes Incorporated
PI3VDP12412 DIODES-PI3VDP12412 Datasheet
926Kb / 12P
4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
logo
PHOENIX CONTACT
1295744 PHOENIX-1295744 Datasheet
223Kb / 4P
Repair kit - EV-T1CCS-M4X20-CTS
Nov 16, 2022
logo
Alpha & Omega Semicondu...
AOZ1280 AOSMD-AOZ1280 Datasheet
1Mb / 13P
EZBuck™ 1.2 A Simple Buck Regulator
Rev. 1.1 August 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com