Electronic Components Datasheet Search
  English  ▼

X  

CD286 Datasheet(PDF) 1 Page - Multicomp Pro

Part # CD286
Description  Silicon Epitaxial Planar Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CD286 Datasheet(HTML) 1 Page - Multicomp Pro

  CD286 Datasheet HTML 1Page - Multicomp Pro CD286 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
24/08/20
Silicon Epitaxial Planar Diode
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• High Voltage Switching Diodes
Absolute Maximum Ratings (Ta=25°C unless specified otherwise)
Description
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
250
V
Reverse Voltage (Continuous)
VR
200
V
Continuous Forward Current
IF
250
mA
Repetitive Peak Forward Current
IFRM
625
mA
Non Repetitive Peak Surge Current
at t = 1s
at t = 100 μs
at t = 1 μs
IFSM
1
3
9
A
A
A
Total Power Dissipation
PTOT
500
mW
Junction Temperature
TJ
175
°C
Storage Junction Temperature Range
TJ, TSTG
-65 to +175
°C
Electrical Characteristics (Ta=25°C unless specified otherwise)
Description
Symbol
Test Condition
Value
Unit
Forward Voltage
VF
IF=100mA
<1
V
IF=200mA
<1.25
V
Reverse Current
IR
VR=VR (Continuous)
<100
nA
VR=VR (Continuous), TA=150°C
<100
μA
Breakdown Voltage
VBR
IR=100 A
>250
V
Diode Capacitance
Cd
VR = 0V, f = 1MHz
< 5
pF
Reverse Recovery Time
trr
IF=IR=30mA, Irr = 3mA, RL=100Ω
< 50
ns


Similar Part No. - CD286

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD286GK JIANGHAI-CD286GK Datasheet
1Mb / 5P
2000h at 105
More results

Similar Description - CD286

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com