Electronic Components Datasheet Search
  English  ▼

X  

ASA Datasheet(PDF) 1 Page - Polymaker Industrial

Part # ASA
Description  PolyLite™ ASA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

ASA Datasheet(HTML) 1 Page - Polymaker Industrial

  ASA Datasheet HTML 1Page - Polymaker Industrial ASA Datasheet HTML 2Page - Polymaker Industrial  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jan. 2019
Technical Data Sheet
Version 4.1
www.polymaker.com
PolyLite™ ASA
PolyLite™ ASA is an alternative to ABS with an improved weather resistance. Its UV resistance and excellent mechanical
properties make it the perfect choice for real life application.
Physical Properties
Property
Testing method
Typical value
Density
ASTM D792 (ISO 1183, GB/T 1033)
1.1 (g/cm3 at 21.5˚C)
Glass transition temperature
DSC, 10 °C/min
97.8 (°C)
Vicat Softening temperature
ASTM D1525 (ISO 306 GB/T 1633)
105.3 (˚C)
Melt index
220°C, 10kg
25 (g/10 min)
Tested with 3D printed specimen of 100% infill
Mechanical Properties
Property
Testing method
Typical value
Young’s modulus (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
2379 ± 157 (MPa)
Tensile strength (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
43.8 ± 0.8 (MPa)
Elongation at break (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
6.7 ± 0.6 (%)
Bending modulus (X-Y)
ASTMD790 (ISO 178, GB/T 9341)
3206 ± 108 (MPa)
Bending strength (X-Y)
ASTMD790 (ISO 178, GB/T 9341)
73.4 ± 2.1 (MPa)
Charpy impact strength (X-Y)
ASTM D256 (ISO 179, GB/T 1043)
10.3 ± 0.4 (kJ/m
2)
Tensile strength (Z)
ASTM D638 (ISO 527, GB/T 1040)
27.4 ± 1.8 (MPa)
All testing specimens were printed under the following conditions:
nozzle temperature = 260 °C, printing speed = 50 mm/s, build plate temperature = 80 °C, infill = 100%
All specimens were conditioned at room temperature for 24h prior to testing
Recommended printing conditions
Parameter
Nozzle temperature
240 - 260 (˚C)
Build Surface material
BuildTak®
Build surface treatment
Magigoo
Build plate temperature
75 - 95 (˚C)
Cooling fan
Turned off
Printing speed
30 - 50 (mm/s)
Raft separation distance
0.15 – 0.20 (mm)
Retraction distance
1 - 3 (mm)
Retraction speed
20 - 40 (mm/s)
Recommended environmental temperature
50 - 70 (˚C)
Threshold overhang angle
50 (˚)
Based on 0.4 mm nozzle and Simplify 3D v.4.0. Printing conditions may vary with different nozzle diameters


Similar Part No. - ASA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASA ABRACON-ASA Datasheet
302Kb / 1P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
logo
Emerson Network Power
ASA EMERSON-NETWORKPOWER-ASA Datasheet
128Kb / 2P
ASA 6W Series
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
Short circuit protection
logo
Artesyn Technologies
ASA ARTESYN-ASA Datasheet
701Kb / 3P
Encapsulated
logo
Advanced Energy Industr...
ASA ADVANCEDENERGY-ASA Datasheet
209Kb / 4P
10 Watts
More results

Similar Description - ASA

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ASA EMERSON-NETWORKPOWER-ASA Datasheet
128Kb / 2P
ASA 6W Series
logo
Hammond Manufacturing L...
1415A HAMMOND-1415A Datasheet
206Kb / 1P
ASA GREY POWDER PAINTED 0.036 20 GAUGE STEEL BODY
logo
Laird Tech Smart Techno...
PDQ244915 LSTD-PDQ244915 Datasheet
1Mb / 3P
Ultra thin, compact ASA UV stable white housing
logo
Texas Instruments
LAUNCHXL-F280049C TI-LAUNCHXL-F280049C Datasheet
4Mb / 28P
C2000™ Piccolo™ F28004x Series LaunchPad™ Development Kit
June 2018-Revised April 2020
logo
3M Electronics
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
3M Electronics
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
logo
Infineon Technologies A...
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com