Electronic Components Datasheet Search
  English  ▼

X  

VSIB Datasheet(PDF) 2 Page - Multicomp Pro

Part # VSIB
Description  Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

VSIB Datasheet(HTML) 2 Page - Multicomp Pro

  VSIB Datasheet HTML 1Page - Multicomp Pro VSIB Datasheet HTML 2Page - Multicomp Pro VSIB Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Passivated Bridge Rectifiers
Page <2>
11/07/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Characteristics
Symbol
VSIB440
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
400
V
Maximum RMS Voltage
VRMS
280
Maximum DC Blocking Voltage
VDC
400
Maximum Average Forward (with heatsink Note 2)
Rectified Current
at TC = 100°C (without heatsink)
I (AV)
4
2.4
A
Peak Forward Surge Current
8.3 ms Single Half Sine-wave
Super Imposed on Rated Load (JEDEC Method)
IFSM
120
Maximum Forward Voltage at 4 A dc
VF
1.1
V
Maximum DC Reverse Current
at TJ = 25°C
at Rated DC Blocking Voltage
at TJ = 125°C
IR
10
500
µA
I2t Rating for Fusing (t < 8.3 ms)
I2t
93
A2s
Typical Junction Capacitance Per Element (Note 1)
CJ
45
pF
Typical Thermal Resistance
RθJC
2.2
°C/W
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Notes : 1. Measured at 1 MHz and applied reverse voltage of 4 V dc.
2. Device mounted on 50 × 50 × 1.6 mm Cu plate heatsink.
Rating and Characteristic Curves
Forward Current Derating Curve
Case Temperature, °C
Maximum Non-repetitive Surge Current
Number of Cycles at 60 Hz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com