Electronic Components Datasheet Search
  English  ▼

X  

D792 Datasheet(PDF) 1 Page - Polymaker Industrial

Part # D792
Description  PolyMax™ PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

D792 Datasheet(HTML) 1 Page - Polymaker Industrial

  D792 Datasheet HTML 1Page - Polymaker Industrial D792 Datasheet HTML 2Page - Polymaker Industrial  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Nov. 2018
Technical Data Sheet
Version 4.1
www.polymaker.com
PolyMax™ PC
PolyMax™ PC is an engineered PC filament combining excellent strength, toughness, heat resistance and printing quality. It
is the ideal choice for a wide range of engineering applications.
Physical Properties
Property
Testing method
Typical value
Density
ASTM D792 (ISO 1183, GB/T 1033)
1.18 – 1.20 (g/cm3 at 21.5˚C)
Glass transition temperature
DSC, 10 °C/min
113 (°C)
Vicat Softening temperature
ASTM D1525 (ISO 306 GB/T 1633)
117 (˚C)
Melt index
260 °C, 1.2 kg
6-8 (g/10 min)
Decomposition temperature
TGA, 20 °C/min
>360 (˚C)
Tested with 3D printed specimen of 100% infill
Mechanical Properties
Property
Testing method
Typical value
Young’s modulus (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
2048 ± 66 (MPa)
Tensile strength (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
59.7 ± 1.8 (MPa)
Elongation at break (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
12.2 ± 1.4 (%)
Bending modulus
ASTMD790 (ISO 178, GB/T 9341)
2044 ± 55 (MPa)
Bending strength
ASTMD790 (ISO 178, GB/T 9341)
94.1 ±0.9 (MPa)
Charpy impact strength
ASTM D256 (ISO 179, GB/T 1043)
25.1 ±1.9 (kJ/m
2)
Tensile strength (Z)
ASTM D638 (ISO 527, GB/T 1040)
29.1 ± 4.1 (MPa)
All testing specimens were printed under the following conditions:
nozzle temperature = 255 °C, printing speed = 60 mm/s, build plate temperature = 100 °C, infill = 100%
All specimens were conditioned at room temperature for 24h prior to testing
Recommended printing conditions
Parameter
Nozzle temperature
250 - 270 (˚C)
Build Surface material
BuildTak®, Glass, PEI
Build surface treatment
Magigoo PC
Build plate temperature
90 - 105 (˚C)
Cooling fan
Turned off
Printing speed
30 - 50 (mm/s)
Raft separation distance
0.2 (mm)
Retraction distance
1 (mm)
Retraction speed
20 (mm/s)
Recommended environmental temperature
70 – 80 (recommended) (˚C)
Threshold overhang angle
50 (˚)
Recommended support material
PolySupport™
Based on 0.4 mm nozzle and Simplify 3D v.3.1. Printing conditions may vary with different nozzle diameters
When printing with PolyMax™ PC it is recommended to use an enclosure. For large part it is recommended to use a heated
chamber.
It is recommended to anneal the printed part right after the printing process to release the residual internal stress.
Annealing settings: 100˚C for 2h


Similar Part No. - D792

ManufacturerPart #DatasheetDescription
logo
Polymaker Industrial
D792 POLYMAKER-D792 Datasheet
143Kb / 2P
PolyLite™ PC
Nov. 2018 Version 4.0
D792 POLYMAKER-D792 Datasheet
107Kb / 2P
PolyDissolve™ S1
Nov. 2018 Version 4.0
D792 POLYMAKER-D792 Datasheet
145Kb / 2P
PolySmooth™
Nov. 2018 Version 4.0
D792 POLYMAKER-D792 Datasheet
142Kb / 2P
PolyCast™
Nov. 2018 Version 4.0
D792 POLYMAKER-D792_V02 Datasheet
107Kb / 2P
PolyDissolve™ S1
Nov. 2018 Version 4.0
More results

Similar Description - D792

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3100 ADVANTECH-PPC-3100 Datasheet
381Kb / 2P
10.4 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3120 ADVANTECH-PPC-3120 Datasheet
390Kb / 2P
12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-324W-P7 ADVANTECH-PPC-324W-P7 Datasheet
454Kb / 2P
23.8 Fanless Panel PC with Intel Core™ i Processor
28-Jul-2022
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3170 ADVANTECH-PPC-3170 Datasheet
381Kb / 2P
17 Fanless Panel PC with Intel Atom™ Quad-Core Processor
1-Aug-2022
PPC-3181SW ADVANTECH-PPC-3181SW Datasheet
430Kb / 2P
18.5 Fanless Panel PC with Intel® Core™ i Processor
1-Aug-2022
PPC-3211SW ADVANTECH-PPC-3211SW Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
ARS-2110 ADVANTECH-ARS-2110 Datasheet
1Mb / 2P
EN50155 Intel® Atom™ E3845 Fanless Box PC
12-Jul-2022
logo
Western Digital Corpora...
WD10JPVX WESTERN-WD10JPVX Datasheet
625Kb / 3P
WD Blue™ PC Hard Drives
May 2017
logo
AAEON Technology
PFM-540I-A11 AAEON-PFM-540I-A11 Datasheet
425Kb / 2P
PC/104 Module with AMD Geode™ LX Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com