Electronic Components Datasheet Search
  English  ▼

X  

D792 Datasheet(PDF) 1 Page - Polymaker Industrial

Part # D792
Description  PolyDissolve™ S1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

D792 Datasheet(HTML) 1 Page - Polymaker Industrial

  D792 Datasheet HTML 1Page - Polymaker Industrial D792 Datasheet HTML 2Page - Polymaker Industrial  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Nov. 2018
Technical Data Sheet
Version 4.0
www.polymaker.com
PolyDissolve™ S1
PolyDissolve™ S1 is a water dissolvable support for PLA, TPU, PVB and Nylon based filaments from our portfolio. It is
specifically engineered to have a perfect interface with these materials while also displaying good solubility.
Physical Properties
Property
Testing method
Typical value
Density
ASTM D792 (ISO 1183, GB/T 1033)
1.37 (g/cm3 at 21.5˚C)
Melt index
220 °C, 2.16 kg
7.8 (g/10 min)
Tested with 3D printed specimen of 100% infill
Material Compatibility
Material
Adhesion with PolySupport™
PLA based material from Polymaker’s portfolio
++
PETG based material from Polymaker’s portfolio
+
ABS based material from Polymaker’s portfolio
--
PC based material from Polymaker’s portfolio
--
PVB based material from Polymaker’s portfolio
++
TPU based material from Polymaker’s portfolio
++
Nylon based material from Polymaker’s portfolio
++
++ support the model very well
+ generally support the model depending on its geometry
- generally doesn’t support the model depending on its geometry
- - do not support the model
Recommended printing conditions
Parameter
Nozzle temperature
215 - 225 (˚C)
Build Surface material
BuildTak®, Blue Tape
Build surface treatment
None
Build plate temperature
25 - 60 (˚C)
Cooling fan
Turned on
Printing speed
30-40 (mm/s)
Raft separation distance
0 (mm)
Retraction distance
1 (mm)
Retraction speed
20 (mm/s)
Recommended environmental temperature
Room temperature
Based on 0.4 mm nozzle and Simplify 3D v.3.1. Printing conditions may vary with different nozzle diameters
It is highly recommended to use the PolyBox™ when printing with PolyDissolve™ S1 and to store it in the resealable bag.


Similar Part No. - D792

ManufacturerPart #DatasheetDescription
logo
Polymaker Industrial
D792 POLYMAKER-D792 Datasheet
143Kb / 2P
PolyLite™ PC
Nov. 2018 Version 4.0
D792 POLYMAKER-D792 Datasheet
150Kb / 2P
PolyMax™ PC
Nov. 2018 Version 4.1
D792 POLYMAKER-D792 Datasheet
145Kb / 2P
PolySmooth™
Nov. 2018 Version 4.0
D792 POLYMAKER-D792 Datasheet
142Kb / 2P
PolyCast™
Nov. 2018 Version 4.0
D792 POLYMAKER-D792_V01 Datasheet
150Kb / 2P
PolyMax™ PC
Nov. 2018 Version 4.1
More results

Similar Description - D792

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
CH0042-S1 BEL-CH0042-S1 Datasheet
96Kb / 4P
CH0042-S1
CH0077-S1 BEL-CH0077-S1 Datasheet
105Kb / 4P
CH0077-S1
logo
PHOENIX CONTACT
1884649 PHOENIX-1884649 Datasheet
121Kb / 5P
VC-MEMV-S1
1884720 PHOENIX-1884720 Datasheet
113Kb / 5P
VC-MP-S1
1200106 PHOENIX-1200106 Datasheet
61Kb / 2P
Ferrule - AI 1,0-8 RD S1
03/10/2015
logo
Weidmuller
2747010000 WEIDMULLER-2747010000 Datasheet
2Mb / 8P
FMH1 S1/26V F1 B RL
logo
PHOENIX CONTACT
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
logo
Huber+Suhner, Inc.
12_SMP-50-0-S1119_N HUBERSUHNER-12_SMP-50-0-S1119_N Datasheet
194Kb / 1P
12_SMP-50-0-S1/119_N
81_SMP-S50-0-S1111_N HUBERSUHNER-81_SMP-S50-0-S1111_N Datasheet
2Mb / 1P
81_SMP-S50-0-S1/111_N
91_SMP-50-0-S1111_N HUBERSUHNER-91_SMP-50-0-S1111_N Datasheet
2Mb / 1P
91_SMP-50-0-S1/111_N
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com