Electronic Components Datasheet Search
  English  ▼

X  

D792 Datasheet(PDF) 1 Page - Polymaker Industrial

Part # D792
Description  PolyCast™
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

D792 Datasheet(HTML) 1 Page - Polymaker Industrial

  D792 Datasheet HTML 1Page - Polymaker Industrial D792 Datasheet HTML 2Page - Polymaker Industrial  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Nov. 2018
Technical Data Sheet
Version 4.0
www.polymaker.com
PolyCast™
PolyCast™ is a filament designed to produce investment patterns for investment casting applications. 3D printing
significantly cuts down both the cost and lead time by eliminating the tooling process.
Physical Properties
Property
Testing method
Typical value
Density
ASTM D792 (ISO 1183, GB/T 1033)
1.1 (g/cm3 at 21.5˚C)
Glass transition temperature
DSC, 10 °C/min
70(°C)
Vicat Softening temperature
ASTM D1525 (ISO 306 GB/T 1633)
67 (˚C)
Melt index
260 °C, 2.16 kg
6.6 – 6.7 (g/10 min)
Decomposition temperature
TGA, 20 °C/min
260 (˚C)
Tested with 3D printed specimen of 100% infill
Mechanical Properties
Property
Testing method
Typical value
Young’s modulus (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
1745 ± 151 (MPa)
Tensile strength (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
35.7 ± 1.7 (MPa)
Elongation at break (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
5.8 ± 0.9 (%)
Bending modulus (X-Y)
ASTMD790 (ISO 178, GB/T 9341)
1198 ± 173 (MPa)
Bending strength (X-Y)
ASTMD790 (ISO 178, GB/T 9341)
60.2 ± 1.6 (MPa)
Charpy impact strength (X-Y)
ASTM D256 (ISO 179, GB/T 1043)
9.6 ± 0.9 (kJ/m
2)
All testing specimens were printed under the following conditions:
nozzle temperature = 220°C, printing speed = 45mm/s, build plate temperature = 60°C, infill = 100%
All specimens were conditioned at room temperature for 24h prior to testing
Recommended printing conditions
Parameter
Nozzle temperature
190 - 220 (˚C)
Recommended build surface
Glass with glue
Build plate temperature
25-70 (˚C)
Cooling fan
Turned ON
Printing speed
40 - 60 (mm/s)
Raft separation distance
0.10 – 0.14 (mm)
Retraction distance
1 - 3 (mm)
Retraction speed
30 - 40 (mm/s)
Recommended environmental temperature
20-30 (˚C)
Threshold overhang angle
60 (˚)
Recommended support material
PolyDissolve™ S1
Based on 0.4 mm nozzle and Simplify 3D v.4.0. Printing conditions may vary with different nozzle diameters
It is highly recommended to use the PolyBox™ when printing with PolyCast™ and to store it in the resealable bag.


Similar Part No. - D792

ManufacturerPart #DatasheetDescription
logo
Polymaker Industrial
D792 POLYMAKER-D792 Datasheet
143Kb / 2P
PolyLite™ PC
Nov. 2018 Version 4.0
D792 POLYMAKER-D792 Datasheet
150Kb / 2P
PolyMax™ PC
Nov. 2018 Version 4.1
D792 POLYMAKER-D792 Datasheet
107Kb / 2P
PolyDissolve™ S1
Nov. 2018 Version 4.0
D792 POLYMAKER-D792 Datasheet
145Kb / 2P
PolySmooth™
Nov. 2018 Version 4.0
D792 POLYMAKER-D792_V01 Datasheet
150Kb / 2P
PolyMax™ PC
Nov. 2018 Version 4.1
More results

Similar Description - D792

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LAUNCHXL-F280049C TI-LAUNCHXL-F280049C Datasheet
4Mb / 28P
C2000™ Piccolo™ F28004x Series LaunchPad™ Development Kit
June 2018-Revised April 2020
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ_V01 Datasheet
148Kb / 10P
Transil™
09-Jul-2010
logo
3M Electronics
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
3M Electronics
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
logo
Infineon Technologies A...
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com