Electronic Components Datasheet Search
  English  ▼

X  

PD01002 Datasheet(PDF) 1 Page - Polymaker Industrial

Part # PD01002
Description  PolyFlex™ TPU95
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

PD01002 Datasheet(HTML) 1 Page - Polymaker Industrial

  PD01002 Datasheet HTML 1Page - Polymaker Industrial PD01002 Datasheet HTML 2Page - Polymaker Industrial  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Nov. 2018
Technical Data Sheet
Version 4.0
www.polymaker.com
PolyFlex™ TPU95
PolyFlex™ TPU95 is a thermoplastic polyurethane (TPU) based filament specifically engineered to work on most desktop 3D
printers. It has a shore hardness of 95A and can stretch more than 3 times its original length.
Physical Properties
Property
Testing method
Typical value
Density
ASTM D792 (ISO 1183, GB/T 1033)
1.20 – 1.24 (g/cm3 at 21.5˚C)
Melt index
210 °C, 1.2 kg
3-6 (g/10 min)
Tested with 3D printed specimen of 100% infill
Mechanical Properties
Property
Testing method
Typical value
100% modulus (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
9.4 ± 0.3 (MPa)
Tensile strength (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
29.0 ± 2.8 (MPa)
Elongation at break (X-Y)
ASTM D638 (ISO 527, GB/T 1040)
330.1 ± 14.9 (%)
Shore hardness
ASTM D2240 (ISO 7619, GB/T 31)
~95A
All testing specimens were printed under the following conditions:
nozzle temperature = 225 °C, printing speed = 30 mm/s, build plate temperature = 30 °C, infill = 100%
All specimens were conditioned at room temperature for 24h prior to testing
Recommended printing conditions
Parameter
Nozzle temperature
210 - 230 (˚C)
Build Surface material
BuildTak®, Glass, Blue Tape
Build surface treatment
None, Applying PVA glue to the build surface
Build plate temperature
25 - 60 (˚C)
Cooling fan
Turned on
Printing speed
20-40 (mm/s)
Raft separation distance
0.2 (mm)
Retraction distance
1 (mm)
Retraction speed
20 (mm/s)
Recommended environmental temperature
Room temperature - 45 (˚C)
Threshold overhang angle
35 (˚)
Recommended support material
PolySupport™ and PolyDissolve™ S1
Based on 0.4 mm nozzle and Simplify 3D v.3.1. Printing conditions may vary with different nozzle diameters


Similar Part No. - PD01002

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PD0102-S2 APITECH-PD0102-S2 Datasheet
164Kb / 1P
POWER DIVIDER
logo
Vishay Siliconix
PD010D02510S51 VISHAY-PD010D02510S51 Datasheet
51Kb / 2P
Plasma Display 10 Characters, 7 Segments, Annunciators
01-Mar-12
More results

Similar Description - PD01002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LAUNCHXL-F280049C TI-LAUNCHXL-F280049C Datasheet
4Mb / 28P
C2000™ Piccolo™ F28004x Series LaunchPad™ Development Kit
June 2018-Revised April 2020
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ_V01 Datasheet
148Kb / 10P
Transil™
09-Jul-2010
logo
3M Electronics
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
3M Electronics
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
logo
Infineon Technologies A...
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com