Electronic Components Datasheet Search
  English  ▼

X  

ESR Datasheet(PDF) 3 Page - Rohm

Part # ESR
Description  Anti-surge chip resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESR Datasheet(HTML) 3 Page - Rohm

  ESR Datasheet HTML 1Page - Rohm ESR Datasheet HTML 2Page - Rohm ESR Datasheet HTML 3Page - Rohm ESR Datasheet HTML 4Page - Rohm ESR Datasheet HTML 5Page - Rohm ESR Datasheet HTML 6Page - Rohm ESR Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ESR series
Datasheet
●
Derating curve
When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating curve below.
■ESR 01 / 03 / 10 / 18 / 25
●
Characteristics
Test items
Guaranteed Value
Test conditions
Resistance
See P.1
20℃
Variation of resistance
with temperature
See P.1
Measurement:+25/-55, +25/+125℃
Overload
±(2.0%+0.1Ω)
Test voltage is the smaller one of ① or ②
①Rated voltage(current)×2.5,(ESR03/10/18/25) 2s
Rated voltage(current)×2.0,(ESR01) 2s
②Maximumoverload voltage ※
Solderability
A new uniformcoating of minimumof
95% of the surface being immersed and
no soldering damage.
Rosin-ethanol solution(25% mass)
Soldering condition:245±5℃
Duration of immersion:2.0±0.5s
Resistance to
soldering heat
±(1.0%+0.05Ω)
No remarkable abnormality on the appearance.
Soldering condition:260±5℃
Duration of immersion:10±1s
Rapid change of
temperature
±(1.0%+0.05Ω)
Test temp:-55℃~+125℃ 5cycles
Damp heat, steady state
±(3.0%+0.1Ω)
40℃,93%(Relative humidity)
Test time:1,000h
Endurance at 70℃
±(3.0%+0.1Ω)
Rated voltage(current),70℃
1.5h:ON-0.5h:OFF
Test time:1,000h
Endurance
±(3.0%+0.1Ω)
155℃
Test time:1000h
Resistance to solvent
±(1.0%+0.05Ω)
23±5℃ _E0057
Solvent: 2-propanol
Bend strength of
the end face plating
±(1.0%+0.05Ω)
Without mechanical damage such as breaks.
-
Static electric
characteristics
±(5.0%+0.05Ω)
EIAJ ED-4701/300 Test method 304
Voltage: 2kV(ESR01)
3kV(ESR03/10/18)
5kV(ESR25)
C:100pF
R:1.5kΩ
Apply cycle:Once
Compliance Standard(s) : IEC60115-8
※Maximumoverload voltage (Test voltage)
ESR01
ESR03
ESR10
ESR18
ESR25
100V
200V
200V
400V
400V
www.rohm.com
© 2020 ROHMCo., Ltd. All rights reserved.
3/4
2020.07 - Rev.J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com