Electronic Components Datasheet Search
  English  ▼

X  

AD-101 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # AD-101
Description  Air Bubble Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

AD-101 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  AD-101 Datasheet HTML 1Page - TE Connectivity Ltd AD-101 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AD-101
Air Bubble Detector
TE CONNECTIVITY SENSORS /// AD-101
02/2019
Page 2
TE.com/sensorsolutions
TE Connectivity, TE connectivity (logo), and Measurement Specialties are trademarks. All other logos, products and/or company names referred to herein might be trademarks of their respective
owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes no
warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard Terms
and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or misuse of the
product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application.
© 2017 TE Connectivity. All Rights Reserved.
Schematic
NORTH AMERICA
EUROPE
ASIA
Measurement Specialties, Inc.,
a TE Connectivity Company
Tel 800-522-06752 (option 2)
customercare.hmpt@te.com
Measurement Specialties, (Europe) Ltd.,
a TE Connectivity Company
Tel +31-73-624-6999
customercare.dtmd@te.com
Measurement Specialties (China), Ltd.,
a TE Connectivity Company
Tel 400-820-6049
customercare.shzn@te.com
Specifications
Input
Red = 5 – 24 VDC
Black = GND
Sensor Output
White = Output
3.3V TTL, Low When Liquid Present, High When
Bubble Present
Self-Test Output
Yellow = Self-test output, 3.3V TTL, High When
Pass, Low When Fault
Response Time
0.22 Milliseconds
Temp. Range
0 to 40°C
Bubble Size
Smallest bubble detected =70% of tubing I.D.
Material
ABS/PC (55/45) Plastic Blend,
Injection Molded Parts, UL 94 V-2 Rated
Cable
4 Conductor 28AWG, 350mm Long
UL Style Number 2725
Electronics
Integral
Pin Out
Pin
Color
Function
1
Black
GND
2
White
Output
3
Yellow
Self-test
4
Red
5 - 24 VDC
Part Number
Description
071-06403 or
10217784-00
AD-101 compact
ABD assembly 4MM
071-06402 or
10217758-00
AD-101 compact
ABD assembly 6MM
Standard Tube Slot Dimensions
P/N
Dimension A
Dimension B
071-06403
3.2 mm
8.0 mm
071-06402
4.8 mm
10.3 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com