Electronic Components Datasheet Search
  English  ▼

X  

DX57 Datasheet(PDF) 6 Page - Multicomp Pro

Part # DX57
Description  Crystals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

DX57 Datasheet(HTML) 6 Page - Multicomp Pro

  DX57 Datasheet HTML 1Page - Multicomp Pro DX57 Datasheet HTML 2Page - Multicomp Pro DX57 Datasheet HTML 3Page - Multicomp Pro DX57 Datasheet HTML 4Page - Multicomp Pro DX57 Datasheet HTML 5Page - Multicomp Pro DX57 Datasheet HTML 6Page - Multicomp Pro DX57 Datasheet HTML 7Page - Multicomp Pro DX57 Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page <6>
V1.0
09/12/19
Crystals
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specification Table
Nominal Frequency Range
3.5 to 32 MHz
24 to 70 MHz
Vibration Mode
Fundamental (AT)
3rd Overtone (AT)
Frequency Tolerance at 25°C
±20, ±30 or ±50ppm (Options : ±10ppm, ±15ppm)
Temperature Stability
±30ppm or ±50ppm
Operating Temperature Range
-10°C to +60°C (Option : -20°C to +70°C)
Storage Temperature Range
-20°C to +70°C (Option : -30°C to +80°C)
Load Capacitance
8 pF to 32 pF or series
Equivalent Series Resistance
See ESR table below
Shunt Capacitance
5pF maximum (≤18 MHz) or 7pF maximum (>18 MHz)
Drive Level
200μW maximum (≤5 MHz) 100μW maximum (>5 MHz)
Insulation Resistance
500MΩ minimum at 100V DC
Aging
±5ppm per year
ESR Table
Case
Vibration
HC 49U
Frequency
Mode
Ω Maximum
3.5 - 3.99 MHz
F
150
4 - 4.99 MHz
F
120
5 - 5.99 MHz
F
100
6 - 6.99 MHz
F
80
7 - 7.99 MHz
F
80
8 - 9,99 MHz
F
70
10 - 13.99 MHz
F
50
14 - 23.99 MHz
F
40
24 - 25 MHz
F / 3
40 / 80
25 - 30 MHz
F / 3
40 / 80
30 - 70 MHz
3
80
Part Number Table
Case
Frequency
(MHz)
Frequency
Tolerance
(PPM)
Temperature
Stability
(PPM)
Temperature
Range
60 = -10 to +60
70 = -20 to +70
Load
Capacitance
pf
00 = Series
Vibration
Mode
AT Cut
F = Fund
0.3 Overtone
Ant Part
Number
HC49S
3.579545
30
50
70
20
ATF
XTL-3012
HC49S
3.6864
30
50
70
30
ATF
XTL-3015
HC49S
4
20
50
60
30
ATF
XTL-3018
HC49S
4.194304
30
50
60
30
ATF
XTL-3024



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com