Electronic Components Datasheet Search
  English  ▼

X  

PS1011 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PS1011
Description  PS1 Series – Surface Mount Fitting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PS1011 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PS1011 Datasheet HTML 1Page - TE Connectivity Ltd PS1011 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENTECH INTERNATIONAL LTD
Grangestone Industrial Estate
Girvan, Ayrshire KA26 9PS
United Kingdom
Telephone: +44 1465 713581
Fax: +44 1465 714974
E-Mail: info@gentechsensors.com
Web Site www.gentechsensors.com
POSITION SENSOR
PS1 Series – Surface Mount Fitting
PS1011
Design
Features
•
Adjustable with XY axis
using the PM101/102
magnets
•
Cable wiring from the
Left of the package
•
Repeatability of
operation
•
Shunt or direct magnet
operation
•
Multiple Mode of
Operation
Product
Comments
•
Robust Nylon Housing
•
Normally Open
•
Surface Mounted by
fixing screws
•
Fully encapsulated
•
Matching Package
Operating Magnet
PM101 or PM102
Typical
Applications
•
Door Interlocks
•
Hook Switches
•
Security Systems
•
Safety Interlocks
•
Position Indication
Material, Design and Operation
Mounting
Surface
Material:
Nylon 6.6
Contact Form:
Form A - SPST
Contact Material:
Ruthenium
Maximum Switching Volts:
250 VAC
Maximum Switching Current:
1.0 A
Switching Action:
SPST
Maximum Power:
15 Watts
Housing Temperature Range ºC:
100
Connection Type:
Stripped Cables
Cable Type:
2 x 24AWG, 7/0.2mm PVC
Insulated 0.5M long
Operating Temperature Range
ºC:
70
Actuation Method:
Magnetic
Mounting Shock:
50g for 11ms duration
Mounting Vibration:
35g up to 500Hz
Magnetic Approach:
Direct Axis, Parallel Axis
2005/24


Similar Part No. - PS1011

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
PS101 EXTECH-PS101 Datasheet
236Kb / 1P
Differential Pressure Manometers
logo
Pan Jit International I...
PS1010R PANJIT-PS1010R Datasheet
59Kb / 2P
FAST SWITCHING PLASTIC DIODES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
PS1010R PANJIT-PS1010R Datasheet
98Kb / 2P
FAST RECOVERY PLASTIC RECTIFIER
PS1010R PANJIT-PS1010R Datasheet
51Kb / 2P
FAST RECOVERY PLASTIC RECTIFIER
PS1010RS PANJIT-PS1010RS Datasheet
59Kb / 2P
FAST SWITCHING PLASTIC DIODES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
More results

Similar Description - PS1011

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-4C GLENAIR-M24758-4C Datasheet
56Kb / 2P
Conduit Fitting
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
Conduit Fitting
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
Conduit Fitting
M24758-4-16-A GLENAIR-M24758-4-16-A Datasheet
81Kb / 1P
Conduit Fitting
logo
Maxim Integrated Produc...
MAX15158ZEVKIT MAXIM-MAX15158ZEVKIT Datasheet
1Mb / 15P
One 60V DC power supply (PS1)
Rev 1; 6/19
logo
Festo Corporation.
8104285 FESTO-8104285 Datasheet
78Kb / 1P
Fitting
1/21/22
8104286 FESTO-8104286 Datasheet
77Kb / 1P
Fitting
1/21/22
8104287 FESTO-8104287 Datasheet
77Kb / 1P
Fitting
1/21/22
8104288 FESTO-8104288 Datasheet
78Kb / 1P
Fitting
1/21/22
8104289 FESTO-8104289 Datasheet
78Kb / 1P
Fitting
1/21/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com