Electronic Components Datasheet Search
  English  ▼

X  

33405608 Datasheet(PDF) 1 Page - Aptiv

Part # 33405608
Description  HDK 1.2 SEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

33405608 Datasheet(HTML) 1 Page - Aptiv

  33405608 Datasheet HTML 1Page - Aptiv 33405608 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2023 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling a more sustainable future of
mobility.
Visit
aptiv.com
HDK 1.2 SEALED SERIES
HDK 1.2 2W
Female
BENEFITS
• High performance solution for the AK standard
• Superior connection reliability
• Validated to harsh environment profiles
• AK 1.2 footprint interface (USCAR 120 short
shroud)
FEATURES
• Pre-staged CPA with SLS (Smart Locking
System) technology
• Optional strain relief allows to increase
performance to 80G and operation in
temperatures from
-40 up to +140 °C
See back page for representative part numbers and packaging dimensions.
AVAILABLE CONFIGURATIONS
Cavity Count (ways)
2
Cavity Configurations (mm)
1.2
Materials
PA66
Genders
Female
APPLICATIONS
Engine compartment
On-engine
TEMPERATURE
VIBRATION
60 G
+140°C
-40°C
SEALING CLASS
(DIN 40050-9)
IPX9K
IP68
High Pressure
Spray
AK


Similar Part No. - 33405608

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
33405 ETC2-33405 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
More results

Similar Description - 33405608

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS31 TI-TMS570LS31 Datasheet
1Mb / 37P
TMS570LS31 Hercules ARM Safety MCU Development Kit (HDK)
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
TMS570LS31 TI1-TMS570LS31_12 Datasheet
330Kb / 23P
TMS570LS31 HDK User Guide
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
logo
Tyco Electronics
1718646 MACOM-1718646 Datasheet
332Kb / 1P
CONNECTOR, 6POS, MCON 1.2 SEALED Gehaeuse, 6pol, MCON 1.2 dicht
logo
Texas Instruments
TMDX570LS31HDK TI-TMDX570LS31HDK Datasheet
535Kb / 24P
TMS570LS31x Hercules Development Kit (HDK)
logo
Tyco Electronics
1-1718646-1 MACOM-1-1718646-1 Datasheet
332Kb / 1P
CONNECTOR, 6POS., MCON 1.2, SEALED Gehaeuse, 6pol., MCON 1.2, dicht
logo
Texas Instruments
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
logo
TE Connectivity Ltd
C-1718643 TEC-C-1718643 Datasheet
799Kb / 2P
2pos, MCON 1.2 - LL Connector Sealed
logo
List of Unclassifed Man...
TG5 ETC-TG5 Datasheet
112Kb / 1P
SMD Glass Sealed Ceramic 5.0×3.2×1.2 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com