Electronic Components Datasheet Search
  English  ▼

X  

33276705 Datasheet(PDF) 1 Page - Aptiv

Part # 33276705
Description  CTCS SP SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

33276705 Datasheet(HTML) 1 Page - Aptiv

  33276705 Datasheet HTML 1Page - Aptiv 33276705 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2019 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling the future of mobility.
Headquartered in Dublin, Aptiv has approximately
150,000 employees and operates 14 technical
centers, as well as manufacturing sites and
customer support centers in 45 countries.
Visit
aptiv.com
CTCS SP SERIES
CTCS SP
2.8 21W Female
CTCS SP
2.8 21W Male
BENEFITS
• Versatile connection system
• Unparalleled reliability and performance
• Designed for the transportation market
FEATURES
• Lever lock integrated into the back shell
for easier plugging
• Locking features on slides prevent accidental
release of connectors prior to full mating
AVAILABLE CONFIGURATIONS
TEMPERATURE
VIBRATION
APPLICATIONS
Cavity Count (ways)
15, 21, 26, 39, 62
Cavity Configurations (mm)
1.5, 2.8, 6.3, Mixed
Materials
V0, HB Flammability
Genders
Female, Male
Lock Assist Type
Lever lock
Mounting Options
Panel, Bracket
Chassis
Engine compartment
12.4
23.9
Random
(Grms)
Sine
(G)
+120°C
-40°C
See back page for representative part numbers and packaging dimensions.
IP67,
IP6K7
IP69,
IP6K9K
Water
Intrusion
High Pressure
Spray
SEALING
PROTECTION
(IEC, ISO)


Similar Part No. - 33276705

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3327 ETC-3327 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3327 HEYCO-3327 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
KR Electronics, Inc.
3327-SMA KR-3327-SMA Datasheet
84Kb / 3P
25 MHz Bandpass Filter
logo
Amphenol Corporation
33275 AMPHENOL-33275 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
33275 AMPHENOL-33275 Datasheet
95Kb / 1P
BNC 50 ohm Angle Cable Plugs
More results

Similar Description - 33276705

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
SP-4 TRIAD-SP-4 Datasheet
33Kb / 1P
SP-4
SP-21 TRIAD-SP-21 Datasheet
39Kb / 1P
SP-21
SP-33 TRIAD-SP-33 Datasheet
42Kb / 1P
SP-33
SP-42 TRIAD-SP-42 Datasheet
55Kb / 1P
SP-42
SP-48 TRIAD-SP-48 Datasheet
45Kb / 1P
SP-48
SP-51 TRIAD-SP-51 Datasheet
44Kb / 1P
SP-51
SP-66 TRIAD-SP-66 Datasheet
45Kb / 1P
SP-66
SP-67 TRIAD-SP-67 Datasheet
44Kb / 1P
SP-67
SP-70 TRIAD-SP-70 Datasheet
41Kb / 1P
SP-70
logo
Sharma Electro Componen...
SP SHARMA-SP Datasheet
336Kb / 2P
SP Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com