Electronic Components Datasheet Search
  English  ▼

X  

33308982 Datasheet(PDF) 1 Page - Aptiv

Part # 33308982
Description  CTCS XP SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

33308982 Datasheet(HTML) 1 Page - Aptiv

  33308982 Datasheet HTML 1Page - Aptiv 33308982 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2024 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling the future of mobility.
Visit
aptiv.com
CTCS XP
1.5/2.8 7W Female
CTCS XP
1.5/2.8 7W Male
CTCS XP SERIES
BENEFITS
• Versatile connection system
• Unparalleled reliability and performance
• Designed for the transportation market
FEATURES
• Optional back shells in 180˚ and 90˚ angles
with additional ribbing for improved vibration
performance
• 0-gap design of back shells provides superior
protection against dust and debris ingress
• Locking features on slides prevent accidental
release of connectors prior to full mating
AVAILABLE CONFIGURATIONS
TEMPERATURE
VIBRATION
APPLICATIONS
Cavity Count (ways)
2, 3, 4, 6, 7, 8, 10,
12, 15, 16, 18
Cavity Configurations (mm)
1.5, 2.8, 6.3, Mixed
Materials
V0
Genders
Female, Male
Lock Assist Type
Slider lock
Mounting Options
Panel, Strap/Clip
Chassis
Engine compartment
On-engine
IP67,
IP6K7
IP69,
IP6K9K
18
30.6
Random
(Grms)
Sine
(G)
Water
Intrusion
High Pressure
Spray
+140°C
-40°C
SEALING
PROTECTION
(IEC, ISO)
See back page for representative part numbers and packaging dimensions.


Similar Part No. - 33308982

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3330 KR-3330 Datasheet
84Kb / 3P
KR Electronics part number 3330 is a 153.6 MHz Bandpass filter
logo
List of Unclassifed Man...
3330 ETC-3330 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3330 HEYCO-3330 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Adafruit Industries
3330 ADAFRUIT-3330 Datasheet
98Kb / 2P
Liquid Crystal Light Valve - LCD Controllable Black-out Panel
More results

Similar Description - 33308982

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
XLamp XP-C LEDs
Rev 9A
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
logo
Marktech Corporate
XP-G-WHITE MARKTECH-XP-G-WHITE Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
logo
Comchip Technology
XP-G-WHITE COMCHIP-XP-G-WHITE_15 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
logo
Marktech Corporate
MTG7-001I-XPG00-CW-0H53 MARKTECH-MTG7-001I-XPG00-CW-0H53 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
MTG7-001I-XPG00-NW-0EE5 MARKTECH-MTG7-001I-XPG00-NW-0EE5 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
MTG7-001I-XPG00-WW-0CE7 MARKTECH-MTG7-001I-XPG00-WW-0CE7 Datasheet
43Kb / 2P
Cree XP-G Color Series on Board
logo
Zilog, Inc.
Z51F3221 ZILOG-Z51F3221 Datasheet
1Mb / 55P
Microsoft Windows XP
logo
Cree, Inc
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com