Electronic Components Datasheet Search
  English  ▼

X  

33257537 Datasheet(PDF) 1 Page - Aptiv

Part # 33257537
Description  OCS 1.2 UNSEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

33257537 Datasheet(HTML) 1 Page - Aptiv

  33257537 Datasheet HTML 1Page - Aptiv 33257537 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2019 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling the future of mobility.
Headquartered in Dublin, Aptiv has approximately
150,000 employees and operates 14 technical
centers, as well as manufacturing sites and
customer support centers in 45 countries.
Visit
aptiv.com
OCS 1.2 UNSEALED SERIES
BENEFITS
• Enhanced connection system warranty
performance
• Robust reliability and design-in durability
FEATURES
• Optimized connector face to prevent terminal
stubbing
• Full Locking System (FLS) for superior terminal
locking detection and retention
• Outer cavities accept 1.5mm² cable for greater
flexibility (4-20 way)
• Optional Connector Position Assurance (CPA)
for higher reliability
AVAILABLE CONFIGURATIONS
TEMPERATURE
VIBRATION
APPLICATIONS
SEALING CLASS
Cavity Count (ways)
2, 4, 6, 8, 12, 16, 20
Cavity Configurations (mm)
1.2
Genders
Female, Male
Materials
PA, PBT
Mating Type
Hand-Mate
Passenger compartment inline applications
See back page for representative part numbers.
S1
V1
Body/Chassis
Profile
+105°C
-40°C
OCS 1.2 Unsealed
Female
OCS 1.2 Unsealed
Male


Similar Part No. - 33257537

ManufacturerPart #DatasheetDescription
logo
Aptiv
33257462 APTIV-33257462 Datasheet
534Kb / 2P
NanoPack™ CTS UNSEALED SERIES
33257463 APTIV-33257463 Datasheet
534Kb / 2P
NanoPack™ CTS UNSEALED SERIES
33257466 APTIV-33257466 Datasheet
534Kb / 2P
NanoPack™ CTS UNSEALED SERIES
33257467 APTIV-33257467 Datasheet
534Kb / 2P
NanoPack™ CTS UNSEALED SERIES
33257468 APTIV-33257468 Datasheet
534Kb / 2P
NanoPack™ CTS UNSEALED SERIES
More results

Similar Description - 33257537

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZC-33F DBLECTRO-JZC-33F Datasheet
356Kb / 3P
Sealed & Unsealed types available
logo
Texas Instruments
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
logo
Axiomtek Co., Ltd.
IMB208 AXIOMTEK-IMB208 Datasheet
216Kb / 1P
TPM 1.2 supported
logo
Texas Instruments
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
logo
Pentair plc. All rights...
2CB5-K PENTAIR-2CB5-K Datasheet
245Kb / 2P
DELIVERS QUALITY WATER FOR FOODSERVICE, VENDING AND OCS APPLICATIONS
4CB5-K PENTAIR-4CB5-K Datasheet
263Kb / 2P
DELIVERS QUALITY WATER FOR FOODSERVICE, VENDING AND OCS APPLICATIONS
logo
Molex Electronics Ltd.
PS-560023-001 MOLEX-PS-560023-001 Datasheet
454Kb / 7P
CTX50 UNSEALED RECEPTACLE TERMINAL
2015 / 02 / 6
SD-560023-002 MOLEX-SD-560023-002 Datasheet
135Kb / 1P
CTX50 RECEPTACLE TERMINAL UNSEALED
09.05.20
logo
List of Unclassifed Man...
80094B47B3EF ETC-80094B47B3EF Datasheet
874Kb / 1P
TAXI ASM CONN 10 M OCS 1.5 SLD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com