Electronic Components Datasheet Search
  English  ▼

X  

13853167 Datasheet(PDF) 1 Page - Aptiv

Part # 13853167
Description  HDK 2.8 SEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

13853167 Datasheet(HTML) 1 Page - Aptiv

  13853167 Datasheet HTML 1Page - Aptiv 13853167 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2023 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling a more sustainable future of
mobility.
Visit
aptiv.com
HDK 2.8 SEALED SERIES
HDK 2.8 3W
Female
BENEFITS
• High performance solution for the AK standard
• Superior connection reliability
• Validated to harsh environment profiles
FEATURES
• Lateral secondary lock for terminal position
assurance
• Mechanical polarization
See back page for representative part numbers and packaging dimensions.
AVAILABLE CONFIGURATIONS
Cavity Count (ways)
2, 3, 4
Cavity Configurations (mm)
2.8
Materials
PBT GF 10
Genders
Female
APPLICATIONS
Engine compartment
TEMPERATURE
VIBRATION
60 G
+120°C
-40°C
SEALING CLASS
(DIN 40050-9)
IPX9K
IP68
High Pressure
Spray
AK


Similar Part No. - 13853167

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
1385327 COHERENT-1385327 Datasheet
829Kb / 3P
PowerMax-Pro 15 mm OEM Detectors
1385328 COHERENT-1385328 Datasheet
829Kb / 3P
PowerMax-Pro 15 mm OEM Detectors
1385329 COHERENT-1385329 Datasheet
829Kb / 3P
PowerMax-Pro 15 mm OEM Detectors
More results

Similar Description - 13853167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS31 TI-TMS570LS31 Datasheet
1Mb / 37P
TMS570LS31 Hercules ARM Safety MCU Development Kit (HDK)
TMS570LS31 TI1-TMS570LS31_12 Datasheet
330Kb / 23P
TMS570LS31 HDK User Guide
logo
Tyco Electronics
2-1418883-1 MACOM-2-1418883-1 Datasheet
1,011Kb / 1P
AMP MCP 1.5K / AMP MCP 2.8 REC. HOUSING, 62POS., SEALED
2-1534127-1 MACOM-2-1534127-1 Datasheet
1Mb / 1P
AMP MCP 2.8 SOCKET HSG., 21POS., SEALED WITH SECONDARY LOCKING DEVICE
2-965261-1 MACOM-2-965261-1 Datasheet
173Kb / 1P
4 POL. 2.8 Flachsteckergeh.
logo
Molex Electronics Ltd.
98898-1039 MOLEX11-98898-1039 Datasheet
99Kb / 1P
UCC2 RCPT TERMINAL 2.8
logo
Texas Instruments
TMDX570LS31HDK TI-TMDX570LS31HDK Datasheet
535Kb / 24P
TMS570LS31x Hercules Development Kit (HDK)
logo
List of Unclassifed Man...
ULCD-28PT(GFX) ETC2-ULCD-28PT(GFX) Datasheet
2Mb / 24P
2.8??LCD Display Module
ULCD-28PTU ETC2-ULCD-28PTU Datasheet
2Mb / 22P
2.8" microLCD PICASO Display
logo
Molex Electronics Ltd.
SD-64324-001 MOLEX-SD-64324-001 Datasheet
501Kb / 1P
CP RCPT TRM 2.8
Rev. D1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com