Electronic Components Datasheet Search
  English  ▼

X  

TPS2513ADBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2513ADBVT
Description  TPS251xx USB Dedicated Charging Port Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2513ADBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2513ADBVT Datasheet HTML 3Page - Texas Instruments TPS2513ADBVT Datasheet HTML 4Page - Texas Instruments TPS2513ADBVT Datasheet HTML 5Page - Texas Instruments TPS2513ADBVT Datasheet HTML 6Page - Texas Instruments TPS2513ADBVT Datasheet HTML 7Page - Texas Instruments TPS2513ADBVT Datasheet HTML 8Page - Texas Instruments TPS2513ADBVT Datasheet HTML 9Page - Texas Instruments TPS2513ADBVT Datasheet HTML 10Page - Texas Instruments TPS2513ADBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1.6
2
2.4
2.8
3.2
±40
±20
0
20
40
60
80
100
120
140
T
J Junction Temperature (ƒC)
DP1
DM1
C005
V
DP1
V
DM1
V
IN = 5 V
1.6
2
2.4
2.8
3.2
±40
±20
0
20
40
60
80
100
120
140
T
J Junction Temperature (ƒC)
DP1
DM1
C006
V
DP2
V
DM2
V
IN = 5 V
±1
0
1
2
3
4
5
6
±0.008
±0.006
±0.004
±0.002
0.000
0.002
0.004
Time (s)
VIN
DM2
DP2
C003
V
IN
DM2
DP2
±1
0
1
2
3
4
5
6
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
Time (s)
DVIN
DM1
DP1
C004
V
IN
DM2
DP2
±1
0
1
2
3
4
5
6
±0.008
±0.006
±0.004
±0.002
0.000
0.002
0.004
Time (s)
VIN
DM1
DP1
C001
V
IN
DM1
DP1
±1
0
1
2
3
4
5
6
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
Time (s)
DVIN
DM1
DP1
C002
V
IN
DM1
DP1
7
TPS2513, TPS2513A, TPS2514, TPS2514A
www.ti.com
SLVSBY8D – MAY 2013 – REVISED JUNE 2020
Product Folder Links: TPS2513 TPS2513A TPS2514 TPS2514A
Submit Documentation Feedback
Copyright © 2013–2020, Texas Instruments Incorporated
7.6 Typical Characteristics
Figure 1. Power On (DM1 and DP1)
Figure 2. Power Off (DM1 and DP1)
Figure 3. Power On (DM2 and DP2)
Figure 4. Power Off (DM2 and DP2)
Figure 5. DP1 and DM1 Output Voltage vs Temperature
Figure 6. DP2 and DM2 Output Voltage vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com