Electronic Components Datasheet Search
  English  ▼

X  

TPS2513DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2513DBVT
Description  TPS251xx USB Dedicated Charging Port Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2513DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2513DBVT Datasheet HTML 9Page - Texas Instruments TPS2513DBVT Datasheet HTML 10Page - Texas Instruments TPS2513DBVT Datasheet HTML 11Page - Texas Instruments TPS2513DBVT Datasheet HTML 12Page - Texas Instruments TPS2513DBVT Datasheet HTML 13Page - Texas Instruments TPS2513DBVT Datasheet HTML 14Page - Texas Instruments TPS2513DBVT Datasheet HTML 15Page - Texas Instruments TPS2513DBVT Datasheet HTML 16Page - Texas Instruments TPS2513DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
D-
D+
VBUS
5.0 V
DP1
DM1
TPS2513, TPS2514
GND
D-
D+
VBUS
5.0 V
DP1
DM1
TPS2513, TPS2514
GND
13
TPS2513, TPS2513A, TPS2514, TPS2514A
www.ti.com
SLVSBY8D – MAY 2013 – REVISED JUNE 2020
Product Folder Links: TPS2513 TPS2513A TPS2514 TPS2514A
Submit Documentation Feedback
Copyright © 2013–2020, Texas Instruments Incorporated
9 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TPS251xx devices are USB dedicated charging port. The devices only provide the correct electrical
signatures on the data lines of USB charger port and do not provide any power for the VBUS. Below is typical
applications for USB charging ports.
9.2 Typical Applications
Figure 16. 5-W USB Charger Application
Figure 17. 10-W USB Charger Application
9.2.1 Design Requirements
Table 3 lists the design parameters for this example.
Table 3. Design Parameters
PARAMETER
VALUE
Input voltage, V(IN)
5 V
Output voltage, V(DC)
5 V
Maximum continuous output current, I(OUT)
2.5 A
9.2.2 Detailed Design Procedure
9.2.2.1 Divide Mode Selection of 5-W and 10-W USB Chargers
The TPS2513 and TPS2514 provide two types of connections between the DP pin and the DM pin and between
the D+ data line and the D– data line of the USB connector for a 5-W USB charger and a 10-W USB charger
with a single USB port. For 5-W USB charger, the DP1 pin is connected to the D– line and the DM1 pin is
connected to the D+ line. This is shown in Figure 16. For 10-W USB charger, the DP1 pin is connected to the D+
line and the DM1 pin is connected to the D– line. This is shown in Figure 17. Table 4 shows different charging
schemes for both 5-W and 10-W USB charger solutions. DP2 and DM2 of TPS2513 also provides this two types
of connections.
Table 4. Charging Schemes for 5-W And 10-W USB Chargers
USB CHARGER TYPE
CONTAINING CHARGING SCHEMES
5-W
Divider 1
1.2 V on both D+ and D– Lines
BC1.2 DCP
10-W
Divider 2
1.2 V on both D+ and D– Lines
BC1.2 DCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com