Electronic Components Datasheet Search
  English  ▼

X  

77010 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 77010
Description  Three Spoked Handwheels
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

77010 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  77010 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Three Spoked Handwheels
77010
wixroyd.com
Created 2022-02-08
Material
Standard: Duroplast, black. Zinc
plated steel hub.
Reinforced: Duroplast with glass
fibre beads of increased strength,
black zinc plated steel hub.
Technical Notes
The pilot hole allows various sizes of
holes, keyways etc. to be machined
into the boss.
Order No.
Type
d
1
d
2
d
3
h
1
h
2
h
3
h
4
X
g
77010.W0100
Standard
100
4
24
40
15
34
11
159
77010.W0125
Standard
125
6
24
46
17
37
13
240
77010.W0150
Standard
150
6
32
49
20
38
13
380
77010.W0175
Standard
175
6
40
56
22
42
16
603
77010.W0200
Standard
200
6
40
61
24
45
16
736
77010.W0250
Standard
250
8
48
72
28
50
17
1200
77010.W0300
Standard
300
8
58
78
34
56
18
2032
77010.W0500
Reinforced
100
4
24
40
15
34
11
162
77010.W0525
Reinforced
125
6
24
46
17
37
13
260
77010.W0550
Reinforced
150
6
32
49
20
38
13
385
77010.W0575
Reinforced
175
6
40
56
22
42
16
611
77010.W0700
Reinforced
200
6
40
61
24
45
16
761
77010.W0750
Reinforced
250
8
48
72
28
50
17
1210
77010.W0800
Reinforced
300
8
58
78
34
56
18
2015


Similar Part No. - 77010

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
77010 ALPHAWIRE-77010 Datasheet
407Kb / 4P
22 (7/30) AWG Tinned Copper
logo
Tyco Electronics
770100-1 MACOM-770100-1 Datasheet
2Mb / 98P
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
770100-1 MACOM-770100-1 Datasheet
2Mb / 98P
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
770101-1 MACOM-770101-1 Datasheet
2Mb / 98P
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
770101-1 MACOM-770101-1 Datasheet
2Mb / 98P
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 77010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-403H ETC-C-403H Datasheet
121Kb / 1P
THREE DIGITS DISPLAY
A-303H ETC-A-303H Datasheet
119Kb / 1P
THREE DIGITS DISPLAY
logo
International Rectifier
100MT160PA IRF-100MT160PA Datasheet
121Kb / 8P
THREE PHASE BRIDGE
MTP3-PHASE IRF-MTP3-PHASE Datasheet
129Kb / 8P
THREE PHASE BRIDGE
logo
Powersem GmbH
PSD150F-12 POWERSEM-PSD150F-12 Datasheet
395Kb / 1P
Three Phase Three Phase
logo
ATMEL Corporation
ATA6832 ATMEL-ATA6832_10 Datasheet
397Kb / 17P
Three Half-bridge Outputs Formed by Three High-side and Three Low-side Drivers
logo
AAEON Technology
EMB-Q170A AAEON-EMB-Q170A Datasheet
302Kb / 2P
three independent display
logo
Vishay Siliconix
VS-110MT80KPBF VISHAY-VS-110MT80KPBF Datasheet
193Kb / 7P
Three Phase Bridge
03-Mar-14
logo
NXP Semiconductors
BTA216C PHILIPS-BTA216C Datasheet
21Kb / 4P
Three quadrant triacs Three quadrant triacs
October 1997 Rev 1.000
logo
Linkage Goston Electron...
SM2200P LINKAGE-SM2200P Datasheet
2Mb / 8P
Three-three-three-power power tInder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com