Electronic Components Datasheet Search
  English  ▼

X  

TPS2514DBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2514DBVT
Description  TPS251xx USB Dedicated Charging Port Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2514DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2514DBVT Datasheet HTML 4Page - Texas Instruments TPS2514DBVT Datasheet HTML 5Page - Texas Instruments TPS2514DBVT Datasheet HTML 6Page - Texas Instruments TPS2514DBVT Datasheet HTML 7Page - Texas Instruments TPS2514DBVT Datasheet HTML 8Page - Texas Instruments TPS2514DBVT Datasheet HTML 9Page - Texas Instruments TPS2514DBVT Datasheet HTML 10Page - Texas Instruments TPS2514DBVT Datasheet HTML 11Page - Texas Instruments TPS2514DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
130
140
150
160
170
180
±40
±20
0
20
40
60
80
100
120
140
T
J Junction Temperature (ƒC)
C007
V
IN = 5 V
8
TPS2513, TPS2513A, TPS2514, TPS2514A
SLVSBY8D – MAY 2013 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TPS2513 TPS2513A TPS2514 TPS2514A
Submit Documentation Feedback
Copyright © 2013–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Supply Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com