Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 4 Page - Estek Electronics Co. Ltd

Part # LM2576
Description  Simple high-efficiency step-down (buck) regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM2576 Datasheet(HTML) 4 Page - Estek Electronics Co. Ltd

  LM2576 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 6Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 7Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 8Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM2576 Series
Electrical Characteristics MIK2576-12, MIK2576HV-12
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range.
Symbol
Parameter
Conditions
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN =25V, ILOAD =0.5A
Circuit of Figure 2
MIK2576-12
MIK2576HV-12
Typ
Limit(Note 2)
12
11.76
12.24
Units
(Limits)
V
V(Min)
V(Max)
VOUT
Output Voltage
MIK2576
VOUT
Output Voltage
MIK2576HV
0.5A
≤ I
LOAD ≤ 3A,
15V
≤ V
IN ≤ 40V
Circuit of Figure 2
0.5A
≤ I
LOAD ≤ 3A,
15V
≤ V
IN ≤ 60V
Circuit of Figure 2
12
12
11.52/11.40
12.48/12.60
11.52/11.40
12.54/12.66
V
V(Min)
V(Max)
V
V(Min)
V(Max)
η
Efficiency
VIN =15V, ILOAD =3A
88
%
Electrical Characteristics MIK2576-15, MIK2576HV-15
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range.
Symbol
Parameter
Conditions
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN =25, ILOAD =0.5A
Circuit of Figure 2
MIK2576-15
MIK2576HV-15
Typ
Limit (Note 2)
15
14.70
15.30
Units
(Limits)
V
V(Min)
V(Max)
VOUT
Output Voltage
MIK2576
VOUT
Output Voltage
MIK2576HV
0.5A
≤ I
LOAD ≤ 3A,
18
≤ V
IN ≤ 40V
Circuit of Figure 2
0.5A
≤ I
LOAD ≤ 3A,
18
≤ V
IN ≤ 60V
Circuit of Figure 2
15
15
14.40/14.25
15.60/15.75
14.40/14.25
15.68/15.83
V
V(Min)
V(Max)
V
V(Min)
V(Max)
η
Efficiency
VIN =18V, ILOAD =3A
88
%
Electrical Characteristics MIK2576-ADJ, MIK2576HV-ADJ
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range.
Symbol
Parameter
Conditions
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
VOUT
Feedback Voltage
VIN =12V, ILOAD =0.5A,
VOUT =5V
Circuit of Figure 2
MIK2576-ADJ
MIK2576HV-ADJ
Typ
Limit(Note 2)
1.230
1.217
1.243
Units
(Limits)
V
V(Min)
V(Max)
VOUT
Feedback Voltage
MIK2576
VOUT
Feedback Voltage
MIK2576HV
0.5A
≤ I
LOAD ≤ 3A , 8V ≤ VIN ≤
40V VOUT =5V
Circuit of Figure 2
0.5A
≤ I
LOAD ≤ 3A, 8V ≤ VIN ≤
60V, VOUT =5V
Circuit of Figure 2
1.230
1.230
1.193/1.180
1.267/1.280
1.193/1.180
1.273/1.286
V
V(Min)
V(Max)
V
V(Min)
V(Max)
η
Efficiency
VIN =12V, ILOAD =3A, VOUT =5V
77
%
4
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com