Electronic Components Datasheet Search
  English  ▼

X  

LM393 Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # LM393
Description  two independent voltage comparators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM393 Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  LM393 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM393 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM393 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM393 Datasheet HTML 4Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM393
Description
The LM393 consists of two independent voltage comparators. These were designed specifically to operate
from a single power supply over a wide range of voltages. Operation from split power supplies is also
possible and the low power supply current drain is independent of the magnitude of the power
supply voltage. The outputs can be connected to other open-collector outputs to achieve wired-AND
relationships.
Features
Wide supply voltage range
Low supply current drain independent of supply
voltage. Low input biasing current
Low input offset current
Low input offset voltage
Input common-mode voltage range includes GND
Differential input voltage range equal to the power supply voltage
Low output saturation voltage
8
8
1
SOP- 8
1
Output voltage compatible with TTL, MOS and CMOS logic
DIP - 8
Packag e
Internal Block Digram
OUTPUT A
1
8
V+
INVERTING INPUT A
2
A
B
7
OUTPUT B
NON-INVERTING INPUT A
3
6
INVERTING INPUT B
GND
4
5
NON-
TOP VIEW
1
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - LM393

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
NXP Semiconductors
LM393 PHILIPS-LM393 Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM393 TI-LM393 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
Dual Differential Comparators
logo
ON Semiconductor
LM393 ONSEMI-LM393 Datasheet
115Kb / 10P
Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
More results

Similar Description - LM393

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM339 ESTEK-LM339 Datasheet
2Mb / 6P
consists of four independent voltage comparators
logo
Advanced Power Electron...
AP6903GH-HF A-POWER-AP6903GH-HF Datasheet
101Kb / 4P
Simple Drive Requirement, Two Independent Device
logo
Exar Corporation
XR88C681J-F EXAR-XR88C681J-F Datasheet
2Mb / 101P
Two Full Duplex, Independent Channels
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
Two independent operating channels
logo
Vishay Siliconix
VS-UFB230FA60 VISHAY-VS-UFB230FA60 Datasheet
139Kb / 7P
Two fully independent diodes
31-May-16
VS-UFB280FA20 VISHAY-VS-UFB280FA20 Datasheet
277Kb / 8P
Two fully independent diodes
31-May-16
logo
Zilog, Inc.
Z86C02 ZILOG-Z86C02 Datasheet
1Mb / 37P
Two On-Board Comparators
logo
Maxim Integrated Produc...
MAX38902EVKIT MAXIM-MAX38902EVKIT Datasheet
1Mb / 7P
Two Independent Circuits on One Board
Rev 0; 11/17
logo
HTC Korea TAEJIN Techno...
LM2904 HTC-LM2904 Datasheet
197Kb / 4P
The LM2904 consists of two independent
logo
Maxim Integrated Produc...
MAX25300EVKIT MAXIM-MAX25300EVKIT Datasheet
670Kb / 7P
Two Independent Circuits on One Board
Rev 0; 8/20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com