Electronic Components Datasheet Search
  English  ▼

X  

IS25LE02GG-RHLA2:P-TR Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS25LE02GG-RHLA2:P-TR
Description  SERIAL FLASH MEMORY 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE02GG-RHLA2:P-TR Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS25LE02GG-RHLA2:P-TR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LE02GG-RHLA2:P-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LE02GG-RHLA2:P-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LE02GG-RHLA2:P-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LE02GG-RHLA2:P-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LE02GG-RHLA2:P-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LE02GG-RHLA2:P-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LE02GG-RHLA2:P-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LE02GG-RHLA2:P-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 187 page
background image
IS25LE02GG
IS25WE02GG
Integrated Silicon Solution, Inc.- www.issi.com
5
Rev. A1
10/02/2025
8.8 FAST READ QUAD OUTPUT OPERATION (FRQO, 6Bh or 4FRQO 6Ch) ..........................................71
8.9 FAST READ QUAD I/O OPERATION (FRQIO, EBh or 4FRQIO, ECh).................................................74
8.10 PAGE PROGRAM OPERATION (PP, 02h or 4PP, 12h)......................................................................81
8.11 QUAD INPUT PAGE PROGRAM OPERATION (PPQ, 32h or 4PPQ, 34h).........................................84
8.12 QUAD I/O PAGE PROGRAM OPERATION (PPQIO, 38h or 4PPQIO, 3Eh).......................................86
8.13 ERASE OPERATION ...........................................................................................................................87
8.14 SECTOR ERASE OPERATION (SER, D7h/20h or 4SER, 21h) ..........................................................88
8.15 BLOCK ERASE OPERATION (BER32K:52h or 4BER32K:5Ch, BER64K/256K:D8h or
4BER64K/256K:DCh) ...................................................................................................................................90
8.16 CHIP ERASE OPERATION (CER, C7h/60h) .......................................................................................93
8.17 WRITE ENABLE OPERATION (WREN, 06h) ......................................................................................94
8.18 WRITE DISABLE OPERATION (WRDI, 04h).......................................................................................95
8.19 READ STATUS REGISTER OPERATION (RDSR, 05h) .....................................................................96
8.20 WRITE STATUS REGISTER OPERATION (WRSR, 01h)...................................................................97
8.21 READ FUNCTION REGISTER OPERATION (RDFR, 48h) .................................................................98
8.22 WRITE FUNCTION REGISTER OPERATION (WRFR, 42h)...............................................................99
8.23 ENTER QUAD PERIPHERAL INTERFACE (QPI) MODE OPERATION (QPIEN, 35h; QPIDI, F5h) 100
8.24 PROGRAM/ERASE SUSPEND & RESUME......................................................................................101
8.25 ENTER DEEP POWER DOWN (DP, B9h) .........................................................................................104
8.26 RELEASE DEEP POWER DOWN (RDPD, ABh)...............................................................................105
8.27 SET READ PARAMETERS OPERATION (SRPNV: 65h, SRPV: C0h/63h) ......................................106
8.28 SET EXTENDED READ PARAMETERS OPERATION (SERPNV: 85h, SERPV: 83h) ....................108
8.29 READ READ PARAMETERS OPERATION (RDRP, 61h) .................................................................109
8.30 READ EXTENDED READ PARAMETERS OPERATION (RDERP, 81h)..........................................110
8.31 CLEAR EXTENDED READ REGISTER OPERATION (CLERP, 82h)...............................................111
8.32 READ PRODUCT IDENTIFICATION (RDID, ABh) ............................................................................112
8.33 READ PRODUCT IDENTIFICATION BY JEDEC ID OPERATION (RDJDID, 9Fh; RDJDIDQ, AFh) 114
8.34 READ DEVICE MANUFACTURER AND DEVICE ID OPERATION (RDMDID, 90h) ........................115
8.35 READ UNIQUE ID NUMBER (RDUID, 4Bh) ......................................................................................116
8.36 READ SFDP OPERATION (RDSFDP, 5Ah) ......................................................................................117
8.37 NO OPERATION (NOP, 00h) .............................................................................................................117
8.38 SOFTWARE RESET (RESET-ENABLE (RSTEN, 66h) AND RESET (RST, 99h)) AND HARDWARE
RESET ........................................................................................................................................................118
8.39 SECURITY INFORMATION ROW......................................................................................................119
8.40 INFORMATION ROW ERASE OPERATION (IRER, 64h) .................................................................120
8.41 INFORMATION ROW PROGRAM OPERATION (IRP, 62h) .............................................................121
8.42 INFORMATION ROW READ OPERATION (IRRD, 68h) ...................................................................122
8.43 FAST READ DTR MODE OPERATION (FRDTR, 0Dh or 4FRDTR, 0Eh).........................................123
8.44 FAST READ DUAL IO DTR MODE OPERATION (FRDDTR, BDh or 4FRDDTR, BEh) ...................128
8.45 FAST READ QUAD IO DTR MODE OPERATION IN SPI MODE (FRQDTR, EDh or 4FRQDTR, EEh)
....................................................................................................................................................................132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com