Electronic Components Datasheet Search
  English  ▼

X  

GS2230PS Datasheet(PDF) 7 Page - Globaltech Semiconductor Co.,Ltd

Part # GS2230PS
Description  Dual Input 3A Ultra Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS2230PS Datasheet(HTML) 7 Page - Globaltech Semiconductor Co.,Ltd

  GS2230PS Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.gs-power.com
Package Information
PSOP-8 PLASTIC PACKAGE
Dimensions
Millimeters
Inches
SYMBOL
MIN
MAX
MIN
MAX
A
-
1.77
-
.070
A1
0.08
0.28
.031
.011
A2
1.20
1.60
.047
.063
b
0.39
0.48
.015
.019
b1
0.38
0.43
.015
.017
c
0.21
0.26
.008
.010
c1
0.19
0.21
.007
.008
D
4.70
5.10
.185
.201
D1
3.30 (TYP)
.130 (TYP)
E
5.80
6.20
.228
.244
E1
3.70
4.10
.145
.161
E2
2.40 (TYP)
.094 (TYP)
e
1.27 (TYP)
.050 (TYP)
L
0.40
1.27
.019
.005
L1
1.05 (TYP)
.041 (TYP)
R
0.07
-
.003
-
R1
0.07
-
.003
-
h
0.25
0.50
.010
.020
θ
0°
8°
0°
8°
θ1
5°
15°
5°
15°
θ2
0°
-
0°
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com