Electronic Components Datasheet Search
  English  ▼

X  

TPS22918DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS22918DBVT
Description  TPS22918 5.5-V, 2-A, 52-mΩ On-Resistance Load Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22918DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22918DBVT Datasheet HTML 9Page - Texas Instruments TPS22918DBVT Datasheet HTML 10Page - Texas Instruments TPS22918DBVT Datasheet HTML 11Page - Texas Instruments TPS22918DBVT Datasheet HTML 12Page - Texas Instruments TPS22918DBVT Datasheet HTML 13Page - Texas Instruments TPS22918DBVT Datasheet HTML 14Page - Texas Instruments TPS22918DBVT Datasheet HTML 15Page - Texas Instruments TPS22918DBVT Datasheet HTML 16Page - Texas Instruments TPS22918DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
TPS22918
www.ti.com
SLVSD76C – FEBRUARY 2016 – REVISED JULY 2017
Product Folder Links: TPS22918
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
TYPICAL VALUES WITH QOD SHORTED TO VOUT
8.3 Feature Description
8.3.1 On and Off Control
The ON pin controls the state of the switch. ON is active high and has a low threshold, making it capable of
interfacing with low-voltage signals. The ON pin is compatible with standard GPIO logic threshold. It can be used
with any microcontroller with 1 V or higher GPIO voltage. This pin cannot be left floating and must be driven
either high or low for proper functionality.
8.3.2 Quick Output Discharge (QOD)
The TPS22918 includes a QOD feature. The QOD pin can be configured in one of three ways:
•
QOD pin shorted to VOUT pin. Using this method, the discharge rate after the switch becomes disabled is
controlled with the value of the internal resistance RPD. The value of this resistance is listed in the Electrical
Characteristics table.
•
QOD pin connected to VOUT pin using an external resistor REXT. After the switch becomes disabled, the
discharge rate is controlled by the value of the total resistance of the QOD. To adjust the total QOD
resistance, Equation 1 can be used:
RQOD = RPD + REXT
Where:
•
RQOD = Total output discharge resistance
•
RPD = Internal pulldown resistance
•
REXT = External resistance placed between the VOUT and QOD pin.
(1)
•
QOD pin is unused and left floating. Using this method, there will be no quick output discharge functionality,
and the output will remain floating after the switch is disabled.
The fall times of the device depend on many factors including the total resistance of the QOD, VIN, and the
output capacitance. When QOD is shorted to VOUT, the fall time will change over VIN as the internal RPD varies
over VIN. To calculate the approximate fall time of VOUT for a given RQOD, use Equation 2 and Table 1.
VCAP = VIN × e
-t/τ
Where:
•
VCAP = Voltage across the capacitor (V)
•
t = Time since power supply removal (s)
•
τ = Time constant equal to RQOD × CL
(2)
The fall times' dependency on VIN becomes minimal as the QOD value increases with additional external
resistance. See Table 1 for QOD fall times.
Table 1. QOD Fall Times
VIN (V)
(1)FALL TIME (μs) 90% - 10%, C
IN = 1 μF, IOUT = 0 A , VON = 0 V
TA = 25°C
TA = 85°C
CL = 1 μF
CL = 10 μF
CL = 100 μF
CL = 1 μF
CL = 10 μF
CL = 100 μF
5.5
42
190
1880
40
210
2150
5
43
200
1905
45
220
2200
3.3
47
230
2150
50
260
2515
2.5
58
300
2790
60
345
3290
1.8
75
430
4165
80
490
4950
1.2
135
955
9910
135
1035
10980
1
230
1830
19625
210
1800
19270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com