Electronic Components Datasheet Search
  English  ▼

X  

TPS25221DRVT Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS25221DRVT
Description  TPS25221 2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25221DRVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS25221DRVT Datasheet HTML 17Page - Texas Instruments TPS25221DRVT Datasheet HTML 18Page - Texas Instruments TPS25221DRVT Datasheet HTML 19Page - Texas Instruments TPS25221DRVT Datasheet HTML 20Page - Texas Instruments TPS25221DRVT Datasheet HTML 21Page - Texas Instruments TPS25221DRVT Datasheet HTML 22Page - Texas Instruments TPS25221DRVT Datasheet HTML 23Page - Texas Instruments TPS25221DRVT Datasheet HTML 24Page - Texas Instruments TPS25221DRVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
TPS25221
www.ti.com
SLVSDT3D – JANUARY 2018 – REVISED DECEMBER 2019
Product Folder Links: TPS25221
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
USB data is a 3.3-V level signal, but power is distributed at 5 V to allow for voltage drops in cases where power
is distributed through more than one hub across long cables. Each function must provide its own regulated 3.3 V
from the 5-V input or its own internal power supply. The USB specification classifies two different classes of
devices depending on its maximum current draw. A device classified as low-power can draw up to 100 mA as
defined by the standard. A device classified as high-power can draw up to 500 mA. It is important that the
minimum current-limit threshold of the current-limiting power-switch exceed the maximum current-limit draw of
the intended application. The latest USB standard must always be referenced when considering the current-limit
threshold
The USB specification defines two types of devices as hubs and functions. A USB hub is a device that contains
multiple ports for different USB devices to connect and can be self-powered (SPH) or bus-powered (BPH). A
function is a USB device that is able to transmit or receive data or control information over the bus. A USB
function can be embedded in a USB hub. A USB function can be one of three types included in the list below.
•
Low-power, bus-powered function
•
High-power, bus-powered function
•
Self-powered function
SPHs and BPHs distribute data and power to downstream functions. The TPS25221 has higher current capability
than required for a single USB port allowing it to power multiple downstream ports.
11 Power Supply Recommendations
11.1 Self-Powered and Bus-Powered Hubs
A SPH has a local power supply that powers embedded functions and downstream ports. This power supply
must provide between 4.75 V to 5.25 V to downstream facing devices under full-load and no-load conditions.
SPHs are required to have current-limit protection and must report over-current conditions to the USB controller.
Typical SPHs are desktop PCs, monitors, printers, and stand-alone hubs.
A BPH obtains all power from an upstream port and often contains an embedded function. It must power up with
less than 100 mA. The BPH usually has one embedded function, and power is always available to the controller
of the hub. If the embedded function and hub require more than 100 mA on power up, keep the power to the
embedded function off until enumeration is completed. This can be accomplished by removing power or by
shutting off the clock to the embedded function. Power-switching the embedded function is not necessary if the
aggregate power draw for the function and controller is less than 100 mA. The total current drawn by the bus-
powered device is the sum of the current to the controller, the embedded function, and the downstream ports,
and it is limited to 500 mA from an upstream port.
11.2 Low-Power Bus-Powered and High-Power Bus-Powered Functions
Both low-power and high-power bus-powered functions obtain all power from upstream ports. Low-power
functions always draw less than 100 mA; high-power functions must draw less than 100 mA at power up and can
draw up to 500 mA after enumeration. If the load of the function is more than the parallel combination of 44 Ω
and 10 µF at power up, the device must implement inrush current limiting.
11.3 Power Dissipation and Junction Temperature
The low ON-resistance of the N-channel MOSFET allows small surface-mount packages to pass large currents.
It is required design practice to determine power dissipation and junction temperature. The below analysis gives
an approximation for calculating junction temperature based on the power dissipation in the package. However, it
is important to note that thermal analysis is strongly dependent on additional system level factors. Such factors
include air flow, board layout, copper thickness and surface area, and proximity to other devices dissipating
power. Good thermal design practice must include all system level factors in addition to individual component
analysis.
Begin by determining the rDS(on) of the N-channel MOSFET relative to the input voltage and operating
temperature. As an initial estimate, use the highest operating ambient temperature expected and read rDS(on)
from the typical characteristics graph. Using this value, the power dissipation can be calculated using Equation 7:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com