Electronic Components Datasheet Search
  English  ▼

X  

54ACT08 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54ACT08
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ACT08 Datasheet(HTML) 1 Page - Silicon Supplies

  54ACT08 Datasheet HTML 1Page - Silicon Supplies 54ACT08 Datasheet HTML 2Page - Silicon Supplies 54ACT08 Datasheet HTML 3Page - Silicon Supplies 54ACT08 Datasheet HTML 4Page - Silicon Supplies 54ACT08 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced CMOS TTL Input – 54ACT08
Rev 2.0
17/09/25
Quad 2-Input AND Gate in bare die form
Features:
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Outputs Source/Sink 24 mA
Low Input Current: 1µA
Functionally compatible with bipolar 54LS08
Lower power alternative to bipolar logic
Full Military Temperature Range
Ordering Information
Description
Die Dimensions in µm (mils)
The 54ACT08 quad 2-input AND gate is fabricated
using an advanced 5V CMOS process combining high
speed LSTTL performance with CMOS low power. The
device consists of four independent 2-input AND gates
with standard push-pull outputs and performs the
Boolean function Y = A ● B or Y = A + B. Device inputs
are compatible with standard CMOS outputs and also
directly compatible with LSTTL outputs. All inputs are
protected against ESD and excess voltage transients.
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
530 (21)
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Size (Unsawn)
530 x 660
µm
mils
21 x 26
76 x 76
3 x 3
µm
Minimum Bond Pad Size
mils
280 (±20)
µm
Die Thickness
Die Thickness <> 280µm(11 Mils) – On request
11.02 (±0.79)
mils
Top Metal Composition
Al-Si-Cu
Assembled into Ceramic Package – On request
Back Metal Composition
N/A – Bare Si
Page 1 of 5
www.siliconsupplies.com


Similar Part No. - 54ACT08

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT08 SS-54ACT08 Datasheet
287Kb / 5P
Advanced CMOS Logic
54ACT08 SS-54ACT08 Datasheet
309Kb / 5P
Advanced CMOS Logic
Rev 1.0 06/02/20
54ACT08 SS-54ACT08 Datasheet
294Kb / 5P
Advanced CMOS TTL Input
Rev 1.0 17/09/25
54ACT08 SS-54ACT08_V01 Datasheet
309Kb / 5P
Advanced CMOS Logic
Rev 1.0 06/02/20
54ACT08 SS-54ACT08_V02 Datasheet
294Kb / 5P
Advanced CMOS TTL Input
Rev 1.0 17/09/25
More results

Similar Description - 54ACT08

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com