Electronic Components Datasheet Search
  English  ▼

X  

79L05 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 79L05
Description  Linear Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

79L05 Datasheet(HTML) 2 Page - Silicon Supplies

  79L05 Datasheet HTML 1Page - Silicon Supplies 79L05 Datasheet HTML 2Page - Silicon Supplies 79L05 Datasheet HTML 3Page - Silicon Supplies 79L05 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
www.siliconsupplies.com
d
Linear Voltage Regulator – 79L05
Rev
2.0
01/05/25
PAD
FUNCTION
COORDINATES (µm)
X
Y
1
GND
395
-363
2
-VIN
-398
-369
3
-VOUT
-383
369
CONNECT CHIP BACK TO -VIN
Pad Layout and Functions
Typical Application
-VOUT
79L05
CI
0.33µf
CO
0.1µf
-VIN
CI is required if the regulator is located an appreciable distance from power supply filter. CO is not required
for stability; however it does improve transient response. For optimum stability and transient response locate
CI CO as close as possible to the regulator.
3
1
2
1000µm (39.37 mils)
+
+
(0,0)
1
2
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com