Electronic Components Datasheet Search
  English  ▼

X  

ADRF5238 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5238
Description  High Isolation, Silicon SPDT, Nonreflective Switch, 0.1GHz to 13GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5238 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5238 Datasheet HTML 5Page - Analog Devices ADRF5238 Datasheet HTML 6Page - Analog Devices ADRF5238 Datasheet HTML 7Page - Analog Devices ADRF5238 Datasheet HTML 8Page - Analog Devices ADRF5238 Datasheet HTML 9Page - Analog Devices ADRF5238 Datasheet HTML 10Page - Analog Devices ADRF5238 Datasheet HTML 11Page - Analog Devices ADRF5238 Datasheet HTML 12Page - Analog Devices ADRF5238 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
ADRF5238
OUTLINE DIMENSIONS
©2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 13 of 13
Figure 21. 12-Lead Lead Frame Chip Scale, Routable [LFCSP_RT]
2mm × 2mm and 0.58mm Package Height
(CR-12-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Quantity
Package Option
ADRF5238BCRZN
−40°C to +105°C
12-Lead Lead Frame Chip Scale, Routable [LFCSP_RT]
Cut-Tape, <1500
CR-12-1
ADRF5238BCRZN-R7
−40°C to +105°C
12-Lead Lead Frame Chip Scale, Routable [LFCSP_RT]
Reel, 1500
CR-12-1
ADRF5238BCRZN-RL
−40°C to +105°C
12-Lead Lead Frame Chip Scale, Routable [LFCSP_RT]
Reel, 5000
CR-12-1
1 Z = RoHS-Compliant Part.
EVALUATION BOARDS
Table 8. Evaluation Boards
Model1
Description
ADRF5238-EVALZ
Evaluation Board
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com