Electronic Components Datasheet Search
  English  ▼

X  

DP024 Datasheet(PDF) 3 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP024
Description  Single-segment linear LED driver chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP024 Datasheet(HTML) 3 Page - Shenzhen Developer Microelectronics Co., Ltd

  DP024 Datasheet HTML 1Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 2Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP024 Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DP024
单段式线性 LED 驱动芯片
第 3 页
电气参数
(无特别说明, TA=25
˚C)
符号
描述
条件
最小值
典型值
最大值
单位
VOUT_MIN
OUT输入最低电压
IOUT = 30mA
6.5
V
VOUT_BV
OUT端口耐压
IOUT = 0
450
V
IDD
静态电流
VOUT = 10V,REXT悬空
90
250
μA
IOUT
输出电流
5
60
mA
VREXT
REXT端口电压
VOUT = 10V
582
600
618
mV
dIOUT
IOUT精度
IOUT = 20mA
±3
%
TSC
温度补偿起始点
135
℃
简化模块图
LDO
OUT
REXT
Vref
GND
VDD
+
_
TSC
图 3. DP024
内部模块简化图
深圳市德普微电子有限公司
www.depuw.com
REV 1.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com