Electronic Components Datasheet Search
  English  ▼

X  

7805B Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # 7805B
Description  fixed-voltage monolithic integrated-circuit voltage regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

7805B Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  7805B Datasheet HTML 1Page - Estek Electronics Co. Ltd 7805B Datasheet HTML 2Page - Estek Electronics Co. Ltd 7805B Datasheet HTML 3Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
7805B
Absolute Maximum Ratings
Maximum Input Voltage: 35V
Operation Junction Temperature Range: -40 °
С
to 125 °
С
Electrical Characteristics
(Vin=10V, Io=0.5A, Ci=0.33
˚F, Co=0.1˚F, Tj=25˚,unless otherwise noted.)
Characteristic
Symbol
Test Condition
Min
Max
Unit
Output Voltage
Vo
4.8
5.2
V
5.0mA
≤Io≤1.0A;
Output Voltage
Vo
7.0V
≤Vin≤20V
0°C
≤Tj≤125°C
4.75
5.25
V
Line Regulation
∆Vv
7V
≤ Vin ≤ 25V;
8V
≤ Vin ≤ 12V
-
Load Regulation
∆Vi
5.0mA
≤Io≤1.5A
0.25A
≤Io≤0.75A
-
100
50
mV
100
50
mV
Quiescent Current
Ib
-
8.0
mA
Quiescent Current Change
∆Ib
7V
≤ Vin ≤ 25V,
5mA
≤ Io ≤ 1.0A
-
1.3
0.5
mA
Typical Applications Circuit
Figure 1. High Output Current with Short Circuit Protection
2
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com