Electronic Components Datasheet Search
  English  ▼

X  

79L18A Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # 79L18A
Description  fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

79L18A Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  79L18A Datasheet HTML 1Page - Estek Electronics Co. Ltd 79L18A Datasheet HTML 2Page - Estek Electronics Co. Ltd 79L18A Datasheet HTML 3Page - Estek Electronics Co. Ltd 79L18A Datasheet HTML 4Page - Estek Electronics Co. Ltd 79L18A Datasheet HTML 5Page - Estek Electronics Co. Ltd 79L18A Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
79LXX
over operating temperature range (unless other wise noted)
79L05A
79L12A
Parameter
thru
THRU
79L24A
Units
79L08A
79L18A
Input voltage
-30
-35
-40
V
Operating free-air, case, or virtual junction
temperature range
0 to 150
0 to 150
0 to 150
°
C
Storage temperature range
-65 to 150
-65 to 150
-65 to 150
Lead temperature 1.6 mm (1/16 inch) from case
260
260
260
for 10 seconds
Recommended Operating Conditions
Parameter
Min
Max
Units
79L05A
-7
-20
79L06A
-8
-20
79L08A
-10.5
-23
Input voltage VI
79L12A
-14.5
-27
79L15A
-17.5
-30
79L18A
-20.5
-33
79L24A
-27
-38
V
Output current, IO
100
mA
Operating virtual junction temperature, TJ
0
125
°
C
Device Selection Guide
Output Voltage
Device
-5 V
-6 V
-8 V
-12 V
-15 V
-18 V
-24 V
79L05A
79L06A
79L08A
79L12A
79L15A
79L18A
79L24A
Electrical Characteristics 79L05A
Electrical characteristics at specified virtual junction temperature, V I= -10V,IO = 40mA (unless otherwise noted)
Parameter
Test conditions*
Output voltage**
79L05A
Min
Typ
Max
25°
C
-4.8
-5
-5.2
Units
V
Input regulation
IO= 1mA to 40 mA, VI= -7V to -20V
IO= 1mA to 70mA,
VI= -7V to -20V
VI= -8V to -20V
0°
C to 125°
C
25°
C
-4.75
-5.25
-4.75
-5.25
15
150
12
100
mV
Ripple rejection
VI= -8V to -18V, f= 120Hz
25°
C
41
49
dB
Output regulation
IO= 1mA to 100mA
IO= 1mA to 40mA
25°
C
20
60
10
30
mV
Output noise voltage
f= 10Hz to 100 KHz
25°
C
40
µV
Dropout voltage
25°
C
1.7
V
Bias current
25°
C
6
125°
C
5.5
mA
Bias current change
VI= -8V to -20V
IO= 1mA to 40mA
0°
C to 125°
C
1.5
0.1
BEIJING ESTEK ELECTRONICS CO.,LTD
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com