Electronic Components Datasheet Search
  English  ▼

X  

CD4021BC Datasheet(PDF) 2 Page - ON Semiconductor

Part # CD4021BC
Description  8-Stage Static Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CD4021BC Datasheet(HTML) 2 Page - ON Semiconductor

  CD4021BC Datasheet HTML 1Page - ON Semiconductor CD4021BC Datasheet HTML 2Page - ON Semiconductor CD4021BC Datasheet HTML 3Page - ON Semiconductor CD4021BC Datasheet HTML 4Page - ON Semiconductor CD4021BC Datasheet HTML 5Page - ON Semiconductor CD4021BC Datasheet HTML 6Page - ON Semiconductor CD4021BC Datasheet HTML 7Page - ON Semiconductor CD4021BC Datasheet HTML 8Page - ON Semiconductor CD4021BC Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2002 Fairchild Semiconductor Corporation
DS005954
www.fairchildsemi.com
October 1987
Revised March 2002
CD4021BC
8-Stage Static Shift Register
General Description
The CD4021BC is an 8-stage parallel input/serial output
shift register. A parallel/serial control input enables individ-
ual JAM inputs to each of 8 stages. Q outputs are available
from the sixth, seventh, and eighth stages. All outputs have
equal source and sink current capabilities and conform to
standard “B” series output drive.
When the parallel/serial control input is in the logical “0”
state, data is serially shifted into the register synchronously
with the positive transition of the clock. When the parallel/
serial control is in the logical “1” state, data is jammed into
each stage of the register asynchronously with the clock.
All inputs are protected against static discharge with diodes
to VDD and VSS.
Features
s Wide supply voltage range:
3.0V to 15V
s High noise immunity: 0.45 VDD (typ.)
s Low power TTL compatibility:
Fan out of 2 driving 74L or 1 driving 74LS
s 5V–10V–15V parametric ratings
s Symmetrical output characteristics
s Maximum input leakage 1
µA at 15V over full tempera-
ture range
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Top View
Truth Table
X
= Don't care case
Note 1: Level change
Note 2: No change
Order Number
Order Code
Package Description
CD4021BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4021BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
CL
(Note 1)
Serial
Input
Parallel/
Serial
Control
PI 1 PI n
Q1
(Internal)
Qn
(Note 2)
XX
1
0
0
0
0
XX
1
0
1
0
1
XX
1
1
0
1
0
XX
1
1
1
1
1

00
X
X
0
Qn−1

10
X
X
1
Qn−1

X0
X
X
Q1
Qn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com