Electronic Components Datasheet Search
  English  ▼

X  

MMBF170 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBF170
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF170 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBF170 Datasheet HTML 1Page - ON Semiconductor MMBF170 Datasheet HTML 2Page - ON Semiconductor MMBF170 Datasheet HTML 3Page - ON Semiconductor MMBF170 Datasheet HTML 4Page - ON Semiconductor MMBF170 Datasheet HTML 5Page - ON Semiconductor MMBF170 Datasheet HTML 6Page - ON Semiconductor MMBF170 Datasheet HTML 7Page - ON Semiconductor MMBF170 Datasheet HTML 8Page - ON Semiconductor MMBF170 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BS170 / MMBF170 Rev. E2
2
Electrical Characteristics T
A=25°C unless otherwise noted
Note:
1. Pulse Test: Pulse Width
≤ 300μs, Duty Cycle ≤ 2.0%.
Ordering Information
Symbol
Parameter
Conditions
Type
Min.
Typ.
Max. Units
OFF CHARACTERISTICS
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 100μAAll
60
V
IDSS
Zero Gate Voltage Drain Current
VDS = 25V, VGS = 0V
All
0.5
μA
IGSSF
Gate - Body Leakage, Forward
VGS = 15V, VDS = 0V
All
10
nA
ON CHARACTERISTICS (Notes 1)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 1mA
All
0.8
2.1
3
V
RDS(ON) Static Drain-Source On-Resistance VGS = 10V, ID = 200mA
All
1.2
5
Ω
gFS
Forward Transconductance
VDS = 10V, ID = 200mA
BS170
320
mS
VDS ≥ 2 VDS(on),
ID = 200mA
MMBF170
320
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 10V, VGS = 0V,
f = 1.0MHz
All
24
40
pF
Coss
Output Capacitance
All
17
30
pF
Crss
Reverse Transfer Capacitance
All
7
10
pF
Switching Characteristics (Notes 1)
ton
Turn-On Time
VDD = 25V, ID = 200mA,
VGS = 10V, RGEN = 25Ω
BS170
10
ns
VDD = 25V, ID = 500mA,
VGS = 10V, RGEN = 50Ω
MMBF170
10
toff
Turn-Off Time
VDD = 25V, ID = 200mA,
VGS = 10V, RGEN = 25Ω
BS170
10
ns
VDD = 25V, ID = 500mA,
VGS = 10V, RGEN = 50Ω
MMBF170
10
Part Number
Package
Package Type
Lead Frame
Pin array
BS170
TO-92
BULK
STRAIGHT
D G S
BS170_D26Z
TO-92
Tape and Reel
FORMING
D G S
BS170_D27Z
TO-92
Tape and Reel
FORMING
D G S
BS170_D74Z
TO-92
AMMO
FORMING
D G S
BS170_D75Z
TO-92
AMMO
FORMING
D G S
MMBF170
SOT-23
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com