Electronic Components Datasheet Search
  English  ▼

X  

MMBT200 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBT200
Description  PNP General-Purpose Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT200 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBT200 Datasheet HTML 1Page - ON Semiconductor MMBT200 Datasheet HTML 2Page - ON Semiconductor MMBT200 Datasheet HTML 3Page - ON Semiconductor MMBT200 Datasheet HTML 4Page - ON Semiconductor MMBT200 Datasheet HTML 5Page - ON Semiconductor MMBT200 Datasheet HTML 6Page - ON Semiconductor MMBT200 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Performance Characteristics
Figure 3. Typical Pulsed Current Gain
vs. Collector Current
Figure 4. Collector-Emitter Saturation Voltage
vs. Collector Current
Figure 5. Base-Emitter Saturation Voltage
vs. Collector Current
Figure 6. Base-Emitter On Voltage vs.
Collector Current
Figure 7. Collector Cut-Off Current vs.
Ambient Temperature
Figure 8. Collector-Emitter Breakdown Voltage with
Resistance Between Emitter-Base
0.01
0.1
1
10
100
0
100
200
300
400
500
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
V
= 5V
CE
0.1
1
10
100
300
0
0.05
0.1
0.15
0.2
0.25
0.3
I - COLLECTOR CURRE NT (mA)
C
25
°C
- 40
°C
125
°C
β = 10
β
0.1
1
10
100
300
0
0.2
0.4
0.6
0.8
1
1.2
I - COLLECTOR CURRE NT (mA)
C
β = 10
25
°C
- 40
°C
125
°C
β
0.1
1
10
100 200
0
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRE NT (mA)
C
V
= 5V
CE
25
°C
- 40
°C
125
°C
β
25
50
75
100
125
0.01
0.1
1
10
100
T - AMBIE NT TEMPERATURE ( C)
A
°
V
= 50V
CB
β
Ω
0.1
1
10
100
1000
70
75
80
85
90
95
RESISTANCE (k )
www.onsemi.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com