| Electronic Components Datasheet Search |
|
S340 Datasheet(PDF) 2 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
S340 Datasheet(HTML) 2 Page - Nordic Semiconductor |
|
2 / 2 page ![]() nRF52840 Dongle Product Brief Version 1.1 Arm CryptoCell 310 The nRF52840 features an on-chip Arm CryptoCell 310 cryptographic hardware accelerator. CryptoCell offers a wide range of ciphers and security features for building solid security into applications from the ground up. Use of CryptoCell also makes associated security operations run faster and uses less processing time and power than equivalent operation carried out in software by the CPU. OTA-DFU The nRF52840 SoC is supported by Over-the-Air Device Firmware Upgrade (OTA-DFU). This allows for in the field updates of application and/or protocol stack. Nordic SoftDevices Nordic protocol stacks are known as SoftDevices. SoftDevices are pre-compiled binaries without runtime dependencies. They reside in a separate memory location to your application and offer safer, easier, and more secure application development. The nRF52840 SoC is supported by the S140 SoftDevice. S140 SoftDevice The S140 SoftDevice supports 20 Bluetooth LE links in concurrent operation operation for all 4 roles (Central/ Peripheral/Broadcaster/Observer). The S140 is a Bluetooth 5 qualified stack and as such supports the latest long range and high throughput features introduced in Bluetooth 5. Headquarters: Trondheim, Norway Tel: +47 72 89 89 00 For more information Visit nordicsemi.com for the complete product specification about this and any other wireless ULP products. About Nordic Semiconductor Nordic Semiconductor is a fabless semiconductor company specializing in ULP short-range wireless communication. Nordic is a public company listed on the Norwegian stock exchange. WORLD WIDE OFFICE LOCATIONS ORDER INFORMATION nRF52840-Dongle Development dongle for the nRF52840 SoC HEAD OFFICE SEOUL, KOREA TAIPEI, HONG KONG CHINA SHENZHEN, CHINA SHANGHAI, CHINA BEIJING, CHINA PORTLAND, USA TAIWAN MANILA, PH NES ILIPPI ESPOO, FINLAND TURKU, FINLAND YOKOHAMA, JAPAN OSLO, NORWAY EINDHOVEN, THE NETHERLANDS LONDON, UNITED KINGDOM SAN JOSE, USA DÜSSELDORF, GERMANY OULU, FINLAND KRAKOW, POLAND TRONDHEIM, NORWAY nRF52840 COMPATIBLE SOFTDEVICES S140 Feature complete Bluetooth 5 protocol stack forthe nRF52840 SoC S340 Combined Bluetooth 5 and ANT protocol stack for the nRF52840 SoC RELATED PRODUCTS nRF52840 DK Development kit for the nRF52811 and nRF52840 SoCs nRF52 DK Development kit for the nRF52810 and nRF52832 SoCs nRF52840 SoC for Bluetooth 5/Bluetooth mesh/802.15.4/Thread/Zigbee/ ANT/2.4 GHz nRF52832 SoC for Bluetooth 5/Bluetooth mesh/ ANT/2.4 GHz nRF52811 SoC for Bluetooth 5.1/802.15.4/ Thread/Zigbee/ANT/2.4 GHz nRF52810 SoC for Bluetooth 5/ANT/2.4 GHz nRF5 SDK Main software development kit for Bluetooth 5, ANT and 802.15.4 nRF5 SDK for Mesh Software development kit for Bluetooth mesh nRF5 SDK for Thread and Zigbee Software development kit for Thread and Zigbee Bluetooth 5 data rates 2 Mbs (New) High throughput 1 Mbs Existing Bluetooth LE data rate 500 kbs (New) Longer range 125 kbs (New) Longest range |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |