Electronic Components Datasheet Search
  English  ▼

X  

KPTC0E8 Datasheet(PDF) 12 Page - ITT Industries

Part # KPTC0E8
Description  General Purpose Connectors with Crimp Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTC0E8 Datasheet(HTML) 12 Page - ITT Industries

Back Button KPTC0E8 Datasheet HTML 8Page - ITT Industries KPTC0E8 Datasheet HTML 9Page - ITT Industries KPTC0E8 Datasheet HTML 10Page - ITT Industries KPTC0E8 Datasheet HTML 11Page - ITT Industries KPTC0E8 Datasheet HTML 12Page - ITT Industries KPTC0E8 Datasheet HTML 13Page - ITT Industries KPTC0E8 Datasheet HTML 14Page - ITT Industries KPTC0E8 Datasheet HTML 15Page - ITT Industries KPTC0E8 Datasheet HTML 16Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
KPTC
Subject to changes
without endbell
Dimensions are mm
Shell size*
G
J
L
Q
Z
max.
±0,15
max.
Thread Class 2 A
max.
8
19,8
9,1
21,4
7/16-28UNEF
16,3
10
23,6
9,1
21,4
9/16-24UNEF
16,3
12
26,5
9,1
21,4
1-1/16-24UNEF
16,3
14
30,1
9,1
21,4
1-3/16-20UNEF
16,3
16
33,2
9,1
21,4
1-5/16-20UNEF
16,3
18
35,4
9,1
21,4
1-1/16-18UNEF
16,3
20
39,0
10,7
25,1
1-3/16-18UNEF
15,0
22
42,1
10,7
25,1
1-5/16-18UNEF
15,0
24
45,2
10,7
25,1
1-7/16-18UNEF
15,0
*) How to order see page 4
Dimensions are inches
Shell size*
G
J
L
Q
Z
max
±.006
max
Thread Type 2A
max
8
.780
.358
.843
7/16-28UNEF
.642
10
.929
.358
.843
9/16-24UNEF
.642
12
1.043
.358
.843
1-1/16-24UNEF
.642
14
1.185
.358
.843
1-3/16-20UNEF
.642
16
1.307
.358
.843
1-5/16-20UNEF
.642
18
1.394
.358
.843
1-1/16-18UNEF
.642
20
1.535
.421
.988
1-3/16-18UNEF
.591
22
1.657
.421
.988
1-5/16-18UNEF
.591
24
1.780
.421
.988
1-7/16-18UNEF
.591
*) How to order see page 4
Straight Plug KPTC6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com