Electronic Components Datasheet Search
  English  ▼

X  

BLV830 Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # BLV830
Description  N-channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

BLV830 Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  BLV830 Datasheet HTML 1Page - Estek Electronics Co. Ltd BLV830 Datasheet HTML 2Page - Estek Electronics Co. Ltd BLV830 Datasheet HTML 3Page - Estek Electronics Co. Ltd BLV830 Datasheet HTML 4Page - Estek Electronics Co. Ltd BLV830 Datasheet HTML 5Page - Estek Electronics Co. Ltd BLV830 Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1/6
• Avalanche Energy Specified
BVDSS
500V
• Fast Switching
RDS(ON)
1.5Ω
Ω
Ω
Ω
• Simple Drive Requirements
ID
4.5A
Description
This advanced high voltage MOSFET is produced
using Belling’s proprietary DMOS technology.
Designed for high efficiency switch mode power supply
.
Absolute Maximum Ratings ( T
C=25
oC unless otherwise noted )
Symbol
Parameter
Value
Units
VDS
Drain-Source Voltage
500
V
VGS
Gate-Source Voltage
+ 20
V
Continuous Drain Current
4.5
A
ID
Continuous Drain Current ( T
C=100
oC)
2.85
A
IDM
Drain Current (pulsed) (Note 1)
18
A
Power Dissipation
75
W
PD
Linear Derating Factor
0.59
W/℃
EAS
Single Pulsed Avalanche Energy (Note2)
250
mJ
IAR
Avalanche Current
4.5
A
EAR
Repetitive Avalanche Energy
7.5
mJ
Tj
Operating Junction Temperature Range
-55 to +150
oC
TSDG
Storage Temperature Range
-55 to +150
oC
Thermal Characteristics
Symbol
Parameter
Value
Units
Rth j-c
Thermal Resistance, Junction to case
Max.
1.67
℃/ W
Rth j-a
Thermal Resistance, Junction to Ambient
Max.
62.5
℃/ W
BLV830
N-channel Enhancement Mode Power MOSFET


Similar Part No. - BLV830

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
BLV80-28 ASI-BLV80-28 Datasheet
19Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BLV80-28 NJSEMI-BLV80-28 Datasheet
80Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
Estek Electronics Co. L...
BLV840 ESTEK-BLV840 Datasheet
387Kb / 6P
N-channel Enhancement Mode Power MOSFET
logo
NXP Semiconductors
BLV857 PHILIPS-BLV857 Datasheet
138Kb / 12P
UHF linear push-pull power transistor
1997 Jan 16
BLV859 PHILIPS-BLV859 Datasheet
126Kb / 16P
UHF linear push-pull power transistor
1996 Jul 26
More results

Similar Description - BLV830

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com