Electronic Components Datasheet Search
  English  ▼

X  

ADC3683 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADC3683
Description  ADC3683-SEP ADC3683-EP 18-bit 65MSPS Low Noise Low Power Dual Channel ADC
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC3683 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 8Page - Texas Instruments ADC3683 Datasheet HTML 9Page - Texas Instruments ADC3683 Datasheet HTML 10Page - Texas Instruments ADC3683 Datasheet HTML 11Page - Texas Instruments ADC3683 Datasheet HTML 12Page - Texas Instruments ADC3683 Datasheet HTML 13Page - Texas Instruments ADC3683 Datasheet HTML 14Page - Texas Instruments ADC3683 Datasheet HTML 15Page - Texas Instruments ADC3683 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
5.9 Typical Characteristics - ADC3683
Typical values at TA = 25 °C, ADC sampling rate = 65MSPS, AIN = –1dBFS differential input, AVDD = IOVDD = 1.8V, external
1.6V voltage reference, unless otherwise noted.
SNR = 84.2dBFS, SFDR = 81dBc, Non HD23 = 101dBFS
Figure 5-1. Single Tone FFT at FIN = 1 MHz
SNR = 83.8dBFS, SFDR = 89dBc, Non HD23 = 99dBFS
Figure 5-2. Single Tone FFT at FIN = 5MHz
SNR = 84.8dBFS, SFDR = 81dBc, Non HD23 = 103dBFS
Figure 5-3. Single Tone FFT at FIN = 5MHz, AIN = -20dBFS
SNR = 83.8dBFS, SFDR = 92dBc, Non HD23 = 98dBFS
Figure 5-4. Single Tone FFT at FIN = 10MHz
SNR = 81.1dBFS, SFDR = 84dBc, Non HD23 = 95dBFS
Figure 5-5. Single Tone FFT at FIN = 40MHz
SNR = 77.3dBFS, SFDR = 86dBc, Non HD23 = 92dBFS
Figure 5-6. Single Tone FFT at FIN = 64MHz
ADC3683-SEP, ADC3683-EP
SBASAP6 – FEBRUARY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC3683-SEP ADC3683-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com