Electronic Components Datasheet Search
  English  ▼

X  

P-5LGAM Datasheet(PDF) 2 Page - Sumida Corporation

Part # P-5LGAM
Description  IFT COILS < Pin Type: P-5 Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-5LGAM Datasheet(HTML) 2 Page - Sumida Corporation

  P-5LGAM Datasheet HTML 1Page - Sumida Corporation P-5LGAM Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: P-5LG/FM, P-5LG/AM, P-5LG/MW, P-5LG/SW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT COILS < Pin Type: P-5 Series>
◆ Specification (P-5LG/AM) (Part No. 4175-T083)
◆ Specification (P-5LG/MW) (Part No. 4177-T039)
◆ Specification (P-5LG/SW) (Part No. S1325005)
Item
(1-4)
Measuring Condition
Inductance
5 μH ± 4%
Variable
7.96MHz
Unloaded Q
Min. 55
7.96MHz
Using Frequency: 4MHz
Item
(4-6)
Measuring Condition
Tuning Capacity
65pF±4%
Variable
10.7MHz
Unloaded Q
Min. 55
10.7MHz
Inductance
3.4µH (Ref.)
Item
(1-3)
Measuring Condition
Frequency
455kHz±2%
Variable
Capacity (Int.)
180pF±10%
Unloaded Q
45 Min
455kHz
Ext. stray capacity 0pF between (1-3) at measuring.
Item
(1-3)
Measuring Condition
Inductance
125μH ± 4% Variable
796kHz
Unloaded Q
Min. 50
796kHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com