Electronic Components Datasheet Search
  English  ▼

X  

LM5148 Datasheet(PDF) 71 Page - Texas Instruments

Part # LM5148
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5148 Datasheet(HTML) 71 Page - Texas Instruments

Back Button LM5148 Datasheet HTML 65Page - Texas Instruments LM5148 Datasheet HTML 66Page - Texas Instruments LM5148 Datasheet HTML 67Page - Texas Instruments LM5148 Datasheet HTML 68Page - Texas Instruments LM5148 Datasheet HTML 69Page - Texas Instruments LM5148 Datasheet HTML 70Page - Texas Instruments LM5148 Datasheet HTML 71Page - Texas Instruments LM5148 Datasheet HTML 72Page - Texas Instruments LM5148 Datasheet HTML 73Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(R0.05) TYP
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
2X (1)
28X (0.5)
36X (0.6)
32X (0.25)
(5.8)
(5.8)
(
3.3)
(
0.2) TYP
VIA
(0.575)
(0.825)
(0.575)
(0.825)
4X (0.27)
PINS 3, 24, 29 & 34
2X (1)
VQFN - 1 mm max height
RHA0036D
PLASTIC QUAD FLATPACK - NO LEAD
4230454/A 02/2024
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
PKG
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 15X
SEE SOLDER MASK
DETAIL
1
9
10
17
18
26
27
36
37
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com