Electronic Components Datasheet Search
  English  ▼

X  

OPA397DBVR Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA397DBVR
Description  OPAx397 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA397DBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA397DBVR Datasheet HTML 13Page - Texas Instruments OPA397DBVR Datasheet HTML 14Page - Texas Instruments OPA397DBVR Datasheet HTML 15Page - Texas Instruments OPA397DBVR Datasheet HTML 16Page - Texas Instruments OPA397DBVR Datasheet HTML 17Page - Texas Instruments OPA397DBVR Datasheet HTML 18Page - Texas Instruments OPA397DBVR Datasheet HTML 19Page - Texas Instruments OPA397DBVR Datasheet HTML 20Page - Texas Instruments OPA397DBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
6.3 Feature Description
6.3.1 Low Operating Voltage
The OPAx397 family can be used with single or dual supplies from an operating range of VS = 1.7V (±0.85V) up
to 5.5V (±2.75V). The offset voltage is trimmed at 5.0V, however, the device maintains ultra-low offset voltages
down to VS = 1.7V.
Key parameters that vary over the supply voltage or temperature range are shown in the Typical Characteristics.
6.3.2 Low Input Bias Current
The typical input bias current of the OPAx397 is extremely low (typically 10fA). Input bias current is dominated by
leakage current from the ESD protection diodes, which is proportional to the area of the diode. The OPAx397 is
able to achieve ultra-low input bias current as a result of modern process technology and advanced electrostatic
discharge (ESD) protection design that minimizes the area of the diode.
In overdriven conditions, the bias current can increase significantly. The most common cause of an overdriven
condition occurs when the operational amplifier is outside of the linear range of operation. When the output of
the operational amplifier is driven to one of the supply rails, the feedback loop requirements cannot be satisfied
and a differential input voltage develops across the input pins. This differential input voltage results in the
forward-biasing of the ESD cells. Figure 6-1 shows the equivalent circuit.
+
±
CORE
10
10
+IN
±IN
V+
V±
Figure 6-1. Equivalent Input Circuit
6.4 Device Functional Modes
The OPAx397 family is operational when the power-supply voltage is greater than 1.7V (±0.85V). The maximum
specified power-supply voltage for the OPAx397 is 5.5V (±2.75V).
www.ti.com
OPA397, OPA2397, OPA4397
SBOSA02A – AUGUST 2021 – REVISED APRIL 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA397 OPA2397 OPA4397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com