| Electronic Components Datasheet Search |
|
REF5040AID Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5040AID Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 52 page ![]() 8.3.6 Output Adjustment Using the TRIM/NR Pin The REF50xxI, REF50xxAI provides a very accurate, factory-trimmed voltage output. Adjust VOUT using the trim and noise reduction pin (TRIM/NR, pin 5). Figure 8-5 shows a typical circuit that allows an output adjustment of ±15mV. GND TRIM/NR TEMP VOUT VIN NC DNC DNC REF50XX 1M R1 = 10k R2 = 2k VSUPPLY Figure 8-5. VOUT Adjustment Using the TRIM/NR Pin The REF50xx allows access to the band-gap through the TRIM/NR pin. Placing a capacitor from the TRIM/NR pin to GND (Figure 8-4) in combination with the internal R3 and R4 resistors creates a low-pass filter. A capacitance of 1μF creates a low-pass filter with the corner frequency from 10Hz to 20Hz. A low-pass filter decreases the overall noise measured on the VOUT pin by half. A higher capacitance results in a lower filter cutoff frequency, further reducing output noise. Using this capacitor increases start-up time. 8.4 Device Functional Modes 8.4.1 Basic Connections Figure 8-6 shows the typical connections for the REF50xx. TI recommends a supply bypass capacitor ranging from 1μF to 10μF. Confirm that a output capacitor (CL) is connected from VOUT to GND. For output stability, verify that the equivalent series resistance (ESR) value of CL less than or equal to 1.5Ω. To minimize noise, the recommended ESR of CL is from 1Ω and 1.5Ω. GND VOUT TRIM/NR GND REF50 TEMP VIN +VSupply DNC DNC NC CBYPASS 1µF to 10µF CL GND CL = 1µF to 50µF for REF50xxI, REF50xxAI CL = 1µF to 100µF for REF50xxEI Figure 8-6. Basic Connections 8.4.2 Supply Voltage The REF50xx family of voltage references features extremely low dropout voltage. With the exception of the REF5020, which has a minimum supply requirement of 2.7V, operate the family of references with a supply of REF50, REF50E SBOS410O – JUNE 2007 – REVISED OCTOBER 2025 www.ti.com 26 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: REF50 REF50E |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |