Electronic Components Datasheet Search
  English  ▼

X  

3R72 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 3R72
Description  Lever Actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

3R72 Datasheet(HTML) 1 Page - Multicomp Pro

  3R72 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
31/07/20
Lever Actuator
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications:
For Use With
: Basic Switch Operator
External Depth
: 11.43mm
External Length / Height
: 18.24mm
External Width
: 11.74mm
Operating Temperature
: -30°C to +85°C
Lever Actuators
Part Number Table
Description
Part Number
Actuator, Black
3R72
Actuator, Red
3R73
Actuator, Yellow
3R75
Actuator, Green
3R76
Actuator, Blue
3R77
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - 3R72

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
3R75 HUAXINAN-3R75 Datasheet
171Kb / 2P
3-Electrode Gas Discharge Tubes
3R75 HUAXINAN-3R75 Datasheet
247Kb / 2P
3-Electrode Gas Discharge Tubes
3R75A HUAXINAN-3R75A Datasheet
144Kb / 1P
3-Electrode Gas Discharge Tubes
3R75B HUAXINAN-3R75B Datasheet
143Kb / 1P
3-Electrode Gas Discharge Tubes
3R75CF HUAXINAN-3R75CF Datasheet
171Kb / 2P
3-Electrode Gas Discharge Tubes
More results

Similar Description - 3R72

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A40 SHARP-GP1A40 Datasheet
93Kb / 3P
CONNECTOR TERMINAL TYPE OPIC PHOTOINTERRUPTER WITH LEVER TYPE ACTUATOR
GP1S41 SHARP-GP1S41 Datasheet
139Kb / 4P
PHOTOINTERRUPTER WITH SPRING LEVER TYPE ACTUATOR
logo
List of Unclassifed Man...
M141T02-AC0303D ETC2-M141T02-AC0303D Datasheet
255Kb / 2P
Microswitch SPDT, Lever
logo
Adam Technologies, Inc.
TSE-XX-C ADAM-TECH-TSE-XX-C Datasheet
84Kb / 1P
CENTRALLINE LEVER BLOCK
logo
Festo Corporation.
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
Roller lever valve
VHEF-H-B52-G14 FESTO-VHEF-H-B52-G14 Datasheet
86Kb / 2P
Hand lever valve
VHEF-HS-M52-M-G18 FESTO-VHEF-HS-M52-M-G18 Datasheet
92Kb / 2P
Hand lever valve
VHEF-HS-P53C-M-G18 FESTO-VHEF-HS-P53C-M-G18 Datasheet
93Kb / 2P
Hand lever valve
VHEF-HST-B32-G18 FESTO-VHEF-HST-B32-G18 Datasheet
94Kb / 2P
Hand lever valve
7334 FESTO-7334 Datasheet
79Kb / 1P
Finger lever valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com