Electronic Components Datasheet Search
  English  ▼

X  

BCX55 Datasheet(PDF) 2 Page - Multicomp Pro

Part # BCX55
Description  PNP Medium Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BCX55 Datasheet(HTML) 2 Page - Multicomp Pro

  BCX55 Datasheet HTML 1Page - Multicomp Pro BCX55 Datasheet HTML 2Page - Multicomp Pro BCX55 Datasheet HTML 3Page - Multicomp Pro BCX55 Datasheet HTML 4Page - Multicomp Pro BCX55 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page <2>
V1.0
11/09/19
PNP Medium Power Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Electrical Characteristics (Ta = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector - Base Breakdown Voltage
V(BR)CBO
IC=-100μA, IE=0 BCX51
BCX52
BCX53
-45
-60
-100
V
Collector - Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0 BCX51
BCX52
BCX53
-45
-60
-80
Emmiter - Base Breakdown Voltage
V(BR)EBO IE=-10μA, IC=0
-5
Collector Cut-Off Current
ICBO
VCB=-30V, IE=0
-0.1
A
DC Current Gain
hFE
VCE=-2V, IC=-5mA
VCE=-2V, IC=-150mA
VCE=-2V, IC=-150mA -10
-16
VCE=-2V, IC=-500mA
25
40
63
100
25
250
160
250
Collector - Emitter Saturation Voltage
VCE(sat)
IC=-500mA, IB=-50mA
-0.5
V
Base Emitter Voltage
VBE
IC=-500mA, VCE=-2V
-1
Transition Frequency
fT
VCE=-10, IC=-50, f=20MH
125
MHz
Total power dissipation Ptot = f(TS)
Collector current IC = f (VBE)
VCE = 2V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com