Electronic Components Datasheet Search
  English  ▼

X  

LF2020 Datasheet(PDF) 1 Page - Sumida Corporation

Part # LF2020
Description  AC COMMON MODE COIL Type: LF Series>
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LF2020 Datasheet(HTML) 1 Page - Sumida Corporation

  LF2020 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC COMMON MODE COIL <Pin Type: LF Series>
Type: LF2020
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
21.5±1.0
4.5
±1.0
10.0±0.5
16.2±1.0
◆
Product Description
・
22.0×17.0mm Max.(L×W), 22.5mm Max. Height
・
Inductance Range: 2.2mH~33mH
・
Rated current range: 0.3~1.30A(LF2020)
・
In addition to the standard versions of parameters shown here,
custom designs are available to meet your exact requirements.
◆
Feature
・
Small size and large inductance type.
・
Exellent attenuation characteristics in low frequency.
・
Ideally used in noise prevention for TV,VCR,AV,OA equipment.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Schematics (Bottom)
*
Winding start is #1,#4 or #2,#3.
*
#1&#4, #2&#3: should be same polarity.
* Dimension does not include solder u
sed on coil.
*
Terminal pitch is measured at the base.(not from tip of the pin)
◆
Specification
Part No.
Stamp
Inductance [MIN.]
(mH) (1-2)( 4-3)
1kHz
Inductance
Balance
[
MAX.](μH)
D.C.R. (Ω)
[MAX.] (1-2)(4-3)
(at 20℃)
Rated current
(50/60Hz)
(
Arms)※1
LF2Ø2ØNP-B-222
222
2.2
150
0.24
1.3
LF2Ø2ØNP-B-392
392
3.9
150
0.41
1.0
LF2Ø2ØNP-B-1Ø3
103
10
550
1.00
0.6
LF2Ø2ØNP-B-183
183
18
600
1.63
0.5
LF2Ø2ØNP-B-223
223
22
800
2.04
0.4
LF2Ø2ØNP-B-333
333
33
800
3.42
0.3
※
1. Rated current: The AC current at which the temperature rise is △t=45℃.(Ta=20℃).
①
②
③
④


Similar Part No. - LF2020

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
LF2020 SUMIDA-LF2020 Datasheet
163Kb / 1P
AC COMMON MODE CHOKES
LF2020 SUMIDA-LF2020 Datasheet
123Kb / 1P
AC Commom mode coil
LF2020-103 SUMIDA-LF2020-103 Datasheet
163Kb / 1P
AC COMMON MODE CHOKES
LF2020-183 SUMIDA-LF2020-183 Datasheet
163Kb / 1P
AC COMMON MODE CHOKES
LF2020-222 SUMIDA-LF2020-222 Datasheet
163Kb / 1P
AC COMMON MODE CHOKES
More results

Similar Description - LF2020

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
LF2823 SUMIDA-LF2823 Datasheet
122Kb / 1P
AC COMMON MODE COIL
UU9LFB SUMIDA-UU9LFB_06 Datasheet
144Kb / 2P
AC COMMON MODE COIL
UU9LF SUMIDA-UU9LF_06 Datasheet
130Kb / 2P
AC COMMON MODE COIL
UU10LF SUMIDA-UU10LF_06 Datasheet
144Kb / 2P
AC COMMON MODE COIL
PFC2225B SUMIDA-PFC2225B Datasheet
148Kb / 2P
AC COMMON MODE COIL
LF2115 SUMIDA-LF2115 Datasheet
123Kb / 1P
AC COMMON MODE COIL
LF1290 SUMIDA-LF1290_1 Datasheet
159Kb / 2P
AC COMMON MODE COIL
PFN3218 SUMIDA-PFN3218 Datasheet
164Kb / 1P
COMMON MODE CHOKE COIL < Pin Type: PFN Series >
PFC2831C SUMIDA-PFC2831C_13 Datasheet
203Kb / 2P
AC COMMON MODE COIL
LF2420 SUMIDA-LF2420 Datasheet
141Kb / 1P
AC COMMON MODE COIL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com