Electronic Components Datasheet Search
  English  ▼

X  

LT8625SP Datasheet(PDF) 32 Page - Analog Devices

Part # LT8625SP
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8625SP Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8625SP Datasheet HTML 28Page - Analog Devices LT8625SP Datasheet HTML 29Page - Analog Devices LT8625SP Datasheet HTML 30Page - Analog Devices LT8625SP Datasheet HTML 31Page - Analog Devices LT8625SP Datasheet HTML 32Page - Analog Devices LT8625SP Datasheet HTML 33Page - Analog Devices LT8625SP Datasheet HTML 34Page - Analog Devices LT8625SP Datasheet HTML 35Page - Analog Devices LT8625SP Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 32 of 45
source and causes the source to current limit or latch low under low source voltage conditions. The VIN(EN) threshold
prevents the regulator from operating at source voltages where the problems might occur. This threshold can be
adjusted by setting the values of REN1 and REN2 such that they satisfy Equation 10.
VIN(EN) = (
REN1
REN2
+ 1) × 0.75V
(10)
where the LT83201 remains off until VIN is above VIN(EN). Due to the comparator’s hysteresis, switching does not stop
until the input falls slightly below VIN(EN).
INTV
CC Regulator
An internal low dropout (LDO) regulator produces the 3.4V supply from VIN that powers the drivers and the internal
bias circuitry. The INTVCC supplies enough current for the LT83201’s circuitry. The voltage on INTVCC varies between
2.6V and 3.4V when VIN is between 2.7V and 3.5V. Do not connect an external load to the INTVCC pin.
Set Pin Capacitor: Noise and Soft-Start
In addition to reducing output noise, using a SET pin bypass capacitor reduces the sensitivity to any parasitic
coupling of voltage spikes onto the SET pin. Note that any bypass capacitor leakage deteriorates the LT83201’s DC
regulation. Capacitor leakage of even 100nA is a 0.1% DC error. Therefore, it is recommended to use a good quality,
low leakage ceramic capacitor.
Using a SET pin bypass capacitor also soft-starts the output and limits inrush current. Soft-starting the output
prevents a current surge on the input supply. The SET pin capacitor and resistor values set the ramp-up time of the
reference voltage, and the output voltage tracks this voltage. The SET pin resistor size is determined by the
application’s required output voltage; however, the capacitor size may be selected to achieve the desired ramp-up
time. It is important to consider that the size of the SET pin capacitor also plays a role in noise performance, which is
typically the more important factor in determining the size of this capacitor.
Ceramics are manufactured with a variety of dielectrics, each with a different behavior across temperature and
applied voltage. Care should be taken when selecting a ceramic capacitor for bypassing the SET pin, as this is a
critical component. An X7R (or better) ceramic capacitor is strongly recommended for its superior stability across
temperature and DC voltage bias. Additionally, larger case sizes are recommended for better DC bias and AC voltage
characteristics.
As shown in Figure 57, capacitor DC bias characteristics tend to improve as component case size increases.
Figure 57. Capacitor Voltage Coefficient for Different Case Sizes
DC BIAS (V)
1
5
15
10
20
25
–100
–80
–60
–40
–20
0
20
MURATA: 25V, 10%,
X7R, 10µF CERAMIC
GRM SERIES, 0805, 1.45mm THICK
GRM SERIES, 1206, 1.80mm THICK
GRM SERIES, 1210, 2.20mm THICK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com